Electronic Components Datasheet Search
  English  ▼

X  

TPS650941 Datasheet(PDF) 53 Page - Texas Instruments

Part # TPS650941
Description  PMIC for Intel Apollo Lake Platform
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650941 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TPS650941 Datasheet HTML 49Page - Texas Instruments TPS650941 Datasheet HTML 50Page - Texas Instruments TPS650941 Datasheet HTML 51Page - Texas Instruments TPS650941 Datasheet HTML 52Page - Texas Instruments TPS650941 Datasheet HTML 53Page - Texas Instruments TPS650941 Datasheet HTML 54Page - Texas Instruments TPS650941 Datasheet HTML 55Page - Texas Instruments TPS650941 Datasheet HTML 56Page - Texas Instruments TPS650941 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
53
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
www.ti.com
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2016, Texas Instruments Incorporated
6.7.3
IRQ: PMIC Interrupt Register (offset = 02h) [reset = 0000 0000]
Figure 6-21. IRQ Register (offset = 02h) [reset = 0000 0000]
Bit
7
6
5
4
3
2
1
0
Bit Name
VENDOR_
IRQ
RESERVED
RESERVED
RESERVED
ONOFFSRC
RESERVED
RESERVED
DIETEMP
TPS65094x
0
0
0
0
0
0
0
0
Access
R/W
R
R
R
R/W
R
R
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-14. IRQ Register Field Descriptions
Bit
Field
Type Reset
Description
7
VENDOR_IRQ
R/W
0
Vendor-specific interrupt, indicating fault even occurrence. Asserted when
either one of following conditions occurs:
A. Deassertion of Power Good of any VR
B. Overcurrent detection from BUCK1, BUCK2, BUCK6, or VTT LDO
C. Die temperature crosses over the hot temperature threshold (THOT)
D. Die temperature crosses over the critical temperature threshold (TCRIT)
0: Not asserted
1: Asserted. Host to write 1 to clear.
3
ONOFFSRC
R/W
0
Asserted when PMIC shuts down.
0: Not asserted.
1: Asserted. Host to write 1 to clear.
0
DIETEMP
R/W
0
Die Temp interrupt. Asserted when PMIC die temperature crosses above the
hot temperature threshold (THOT).
0: Not asserted.
1: Asserted. Host to write 1 to clear.
6.7.4
IRQ_MASK: PMIC Interrupt Mask Register (offset = 03h) [reset = 1111 1111]
Figure 6-22. IRQ_MASK Register (offset = 03h) [reset = 1111 1111]
Bit
7
6
5
4
3
2
1
0
Bit Name
MVENDOR_IRQ
RESERVED
RESERVED
RESERVED
MONOFFSRC
RESERVED
RESERVED
MDIETEMP
TPS65094x
1
1
1
1
1
1
1
1
Access
R/W
R
R
R
R/W
R
R
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-15. IRQ_MASK Register Field Descriptions
Bit
Field
Type Reset
Description
7
MVENDOR_IRQ
R/W
1
Vendor-specific fault interrupt mask.
0: Not masked
1: Masked
3
MONOFFSRC
R/W
1
PMIC shutdown event interrupt mask
0: Not masked
1: Masked
0
MDIETEMP
R/W
1
Die temp interrupt mask.
0: Not masked
1: Masked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com