Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1021 Datasheet HTML 4Page - Maxim Integrated Products MAX1021 Datasheet HTML 5Page - Maxim Integrated Products MAX1021 Datasheet HTML 6Page - Maxim Integrated Products MAX1021 Datasheet HTML 7Page - Maxim Integrated Products MAX1021 Datasheet HTML 8Page - Maxim Integrated Products MAX1021 Datasheet HTML 9Page - Maxim Integrated Products MAX1021 Datasheet HTML 10Page - Maxim Integrated Products MAX1021 Datasheet HTML 11Page - Maxim Integrated Products MAX1021 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = 2.7V to 3.6V (MAX1021/MAX1023/MAX1057), external reference VREF = 2.5V (MAX1021/MAX1023/MAX1057), AVDD =
DVDD = 4.75V to 5.25V (MAX1020/MAX1022/MAX1058), external reference VREF = 4.096V (MAX1020/MAX1022/MAX1058), fSCLK = 4.8MHz
(50% duty cycle), TA = -40°C to +85°C, unless otherwise noted. Typical values are at AVDD = DVDD = 3V (MAX1021/MAX1023/MAX1057),
AVDD = DVDD = 5V (MAX1020/MAX1022/MAX1058), TA = +25°C. Outputs are unloaded, unless otherwise noted.)
Note 1: Tested at DVDD = AVDD = +3.6V (MAX1021/MAX1023/MAX1057), DVDD = AVDD = +5.25V (MAX1020/MAX1022/MAX1058).
Note 2: Offset nulled.
Note 3: No bus activity during conversion. Conversion time is defined as the number of conversion clock cycles multiplied by the
clock period.
Note 4: See Table 5 for reference-mode details.
Note 5: Not production tested. Guaranteed by design.
Note 6: See the ADC/DAC References section.
Note 7: Fast automated test, excludes self-heating effects.
Note 8: Specified over the -40°C to +85°C temperature range.
Note 9: REFSEL[1:0] = 00 or when DACs are not powered up.
Note 10: DAC linearity, gain, and offset measurements are made between codes 115 and 3981.
Note 11: The DAC buffers are guaranteed by design to be stable with a 500pF load.
Note 12: Time required by the DAC output to power up and settle within 1 LSB in the external reference mode.
Note 13: All DAC dynamic specifications are valid for a load of 1nF and 10kΩ.
Note 14: Only one digital output (either DOUT, EOC, or the GPIOs) can be indefinitely shorted to either supply at one time.
Note 15: All digital inputs at either DVDD or DGND. DVDD should not exceed AVDD.
Note 16: See the Reset Register section and Table 9 for details on programming the SLOW bit.
Note 17: Clock mode 11 only.
SHUTDOWN CURRENT
vs. ANALOG SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.15
5.05
4.95
4.85
0.05
0.10
0.15
0.20
0.25
0.30
0
4.75
5.25
MAX1020/MAX1022/MAX1058
SHUTDOWN CURRENT
vs. ANALOG SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
0.12
0.14
0.16
0.18
0.20
0.10
2.7
3.6
MAX1021/MAX1023/MAX1057
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.1
0.2
0.3
0.4
0.5
0.6
0
-40
85
Typical Operating Characteristics
(AVDD = DVDD = 3V (MAX1021/MAX1023/MAX1057), external VREF = 2.5V (MAX1021/MAX1023/MAX1057), AVDD = DVDD = 5V
(MAX1020/MAX1022/MAX1058), external VREF = 4.096V (MAX1020/MAX1022/MAX1058), fCLK = 4.8MHz (50% duty cycle), fSAMPLE
= 300ksps, CLOAD = 50pF, 0.1µF capacitor at REF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com