Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX1021 Datasheet HTML 28Page - Maxim Integrated Products MAX1021 Datasheet HTML 29Page - Maxim Integrated Products MAX1021 Datasheet HTML 30Page - Maxim Integrated Products MAX1021 Datasheet HTML 31Page - Maxim Integrated Products MAX1021 Datasheet HTML 32Page - Maxim Integrated Products MAX1021 Datasheet HTML 33Page - Maxim Integrated Products MAX1021 Datasheet HTML 34Page - Maxim Integrated Products MAX1021 Datasheet HTML 35Page - Maxim Integrated Products MAX1021 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
32
______________________________________________________________________________________
Table 20. DAC Serial-Interface Configuration
16-BIT SERIAL WORD
MSB
LSB
CONTROL
BITS
DATA BITS
C3 C2 C1 C0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
X
X
DESCRIPTION
FUNCTION
000
0X
XX
XX
XX
XXX
XX
NOP
No operation.
00
010
XX
XX
XX
XXX
XX
RESET
Reset all internal registers to 000h and
leave output buffers in their present state.
00
011
XX
XX
XX
XXX
XX
Pull-High
Preset all internal registers to FFFh and
leave output buffers in their present state.
001
0—
———
———
———
XX
DAC0
D9–D0 to input register 0,
DAC output unchanged.
001
1—
———
———
———
XX
DAC1
D9–D0 to input register 1,
DAC output unchanged.
010
0—
———
———
———
XX
DAC2
D9–D0 to input register 2,
DAC output unchanged.
010
1—
———
———
———
XX
DAC3
D9–D0 to input register 3,
DAC output unchanged.
011
0—
———
———
———
XX
DAC4
D9–D0 to input register 4,
DAC output unchanged.
011
1—
———
———
———
XX
DAC5
D9–D0 to input register 5,
DAC output unchanged.
100
0—
———
———
———
XX
DAC6
D9–D0 to input register 6,
DAC output unchanged.
100
1—
———
———
———
XX
DAC7
D9–D0 to input register 7,
DAC output unchanged.
101
0—
———
———
———
XX
DAC0–DAC3
D9–D0 to input registers 0–3 and DAC
registers 0–3. DAC outputs updated
(write-through).
101
1—
———
———
———
XX
DAC4–DAC7
D9–D0 to input registers 4–7 and DAC
registers 5–8. DAC outputs updated
(write-through).
110
0—
———
———
———
XX
DAC0–DAC7
D9–D0 to input registers 0–7 and DAC
Registers 0–7. DAC outputs updated
(write-through).
110
1—
———
———
———
XX
DAC0–DAC7
D9–D0 to input registers 0–7.
DAC outputs unchanged.
111
0
XX
XX
DAC0–DAC7
Input registers to DAC registers indicated
by ones, DAC outputs updated,
equivalent to software LDAC.
(No effect on DACs indicated by zeros.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com