Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1021 Datasheet HTML 3Page - Maxim Integrated Products MAX1021 Datasheet HTML 4Page - Maxim Integrated Products MAX1021 Datasheet HTML 5Page - Maxim Integrated Products MAX1021 Datasheet HTML 6Page - Maxim Integrated Products MAX1021 Datasheet HTML 7Page - Maxim Integrated Products MAX1021 Datasheet HTML 8Page - Maxim Integrated Products MAX1021 Datasheet HTML 9Page - Maxim Integrated Products MAX1021 Datasheet HTML 10Page - Maxim Integrated Products MAX1021 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = 2.7V to 3.6V (MAX1021/MAX1023/MAX1057), external reference VREF = 2.5V (MAX1021/MAX1023/MAX1057), AVDD =
DVDD = 4.75V to 5.25V (MAX1020/MAX1022/MAX1058), external reference VREF = 4.096V (MAX1020/MAX1022/MAX1058), fSCLK = 4.8MHz
(50% duty cycle), TA = -40°C to +85°C, unless otherwise noted. Typical values are at AVDD = DVDD = 3V (MAX1021/MAX1023/MAX1057),
AVDD = DVDD = 5V (MAX1020/MAX1022/MAX1058), TA = +25°C. Outputs are unloaded, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX1021/MAX1023/
MAX1057 AVDD = 2.7V to 3.6V
±0.06
±0.5
ADC Positive-Supply Rejection
PSRA
Full-
scale
input
MAX1020/MAX1022/
MAX1058 AVDD = 4.75V to 5.25V
±0.06
±0.5
mV
TIMING CHARACTERISTICS (Figures 6–13)
SCLK Clock Period
tCP
40
ns
SCLK Pulse-Width High
tCH
40/60 duty cycle
16
ns
SCLK Pulse-Width Low
tCL
60/40 duty cycle
16
ns
GPIO Output Rise/Fall After
CS Rise
tGOD
CLOAD = 20pF
100
ns
GPIO Input Setup Before CS Fall
tGSU
0ns
LDAC Pulse Width
tLDACPWL
20
ns
CLOAD = 20pF, SLOW = 0
1.8
12.0
SCLK Fall to DOUT Transition
(Note 16)
tDOT
CLOAD = 20pF, SLOW = 1
10
40
ns
CLOAD = 20pF, SLOW = 0
1.8
12.0
SCLK Rise to DOUT Transition
(Notes 16, 17)
tDOT
CLOAD = 20pF, SLOW = 1
10
40
ns
CS Fall to SCLK Fall Setup Time
tCSS
10
ns
SCLK Fall to CS Rise Setup TimetCSH
0ns
DIN to SCLK Fall Setup Time
tDS
10
ns
DIN to SCLK Fall Hold Time
tDH
0ns
CS Pulse-Width High
tCSPWH
50
ns
CS Rise to DOUT Disable
tDOD
CLOAD = 20pF
25
ns
CS Fall to DOUT Enable
tDOE
CLOAD = 20pF
1.5
25.0
ns
EOC Fall to CS Fall
tRDS
30
ns
CKSEL = 01 (temp sense) or CKSEL =
10 (temp sense), internal reference on
55
CKSEL = 01 (temp sense) or CKSEL =
10 (temp sense), internal reference
initially off
120
CKSEL = 01 (voltage conversion)
8
CKSEL = 10 (voltage conversion),
internal reference on
8
CS or CNVST Rise to EOC Fall
tDOV
CKSEL = 10 (voltage conversion),
internal reference initially off
80
µs
CKSEL = 00, CKSEL = 01 (temp sense)
40
ns
CNVST Pulse Width
tCSW
CKSEL = 01 (voltage conversion)
1.4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com