Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1021 Datasheet HTML 13Page - Maxim Integrated Products MAX1021 Datasheet HTML 14Page - Maxim Integrated Products MAX1021 Datasheet HTML 15Page - Maxim Integrated Products MAX1021 Datasheet HTML 16Page - Maxim Integrated Products MAX1021 Datasheet HTML 17Page - Maxim Integrated Products MAX1021 Datasheet HTML 18Page - Maxim Integrated Products MAX1021 Datasheet HTML 19Page - Maxim Integrated Products MAX1021 Datasheet HTML 20Page - Maxim Integrated Products MAX1021 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
______________________________________________________________________________________
17
Pin Description (continued)
MAX1020/
MAX1021
MAX1022/
MAX1023
MAX1057/
MAX1058
NAME
FUNCTION
26
26
35
REF1
Reference 1 Input. Reference voltage; leave unconnected to use the
internal reference (2.5V for the MAX1021/MAX1023/MAX1057 or 4.096V
for the MAX1020/MAX1022/MAX1058). REF1 is the positive reference in
ADC external differential reference mode. Bypass REF1 to AGND with a
0.1µF capacitor in external reference mode only. See the ADC/DAC
References section.
27–31, 34
——
AIN0–AIN5
Analog Inputs
35
—
—
REF2/AIN6
Reference 2 Input/Analog-Input Channel 6. See Table 5 for details on
programming the setup register. REF2 is the negative reference in the
ADC external differential reference.
36
—
—
CNVST/AIN7
Active-Low Conversion-Start Input/Analog Input 7. See Table 5 for details
on programming the setup register.
—1
—
CNVST/AIN11
Active-Low Conversion-Start Input/Analog Input 11. See Table 5 for
details on programming the setup register.
—
23, 25,
27–31,
33, 34, 35
—
AIN0–AIN9
Analog Inputs
—36—
REF2/AIN10
Reference 2 Input/Analog-Input Channel 10. See Table 5 for details on
programming the setup register. REF2 is the negative reference in the
ADC external differential reference.
——
1
CNVST/AIN15
Active-Low Conversion-Start Input/Analog Input 15. See Table 5 for
details on programming the setup register.
——
2, 3, 5, 6
GPIOA0–GPIOA3 General-Purpose I/O A0–A3. GPIOA0–GPIOA3 can sink and source 15mA.
——
16, 17,
20, 21
GPIOB0–GPIOB3
General-Purpose I/O B0–B3. GPIOB0–GPIOB3 can sink 4mA and
source 2mA.
——
29–32
GPIOC0–GPIOC3
General-Purpose I/O C0–C3. GPIOC0–GPIOC3 can sink 4mA and
source 2mA.
——
33, 34,
36–47
AIN0–AIN13
Analog Inputs
——
48
REF2/AIN14
Reference 2 Input/Analog-Input Channel 14. See Table 5 for details on
programming the setup register. REF2 is the negative reference in the
ADC external differential reference.
——
—
EP
Exposed Paddle. Must be externally connected to AGND. Do not use as
a ground connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com