Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX1021 Datasheet HTML 21Page - Maxim Integrated Products MAX1021 Datasheet HTML 22Page - Maxim Integrated Products MAX1021 Datasheet HTML 23Page - Maxim Integrated Products MAX1021 Datasheet HTML 24Page - Maxim Integrated Products MAX1021 Datasheet HTML 25Page - Maxim Integrated Products MAX1021 Datasheet HTML 26Page - Maxim Integrated Products MAX1021 Datasheet HTML 27Page - Maxim Integrated Products MAX1021 Datasheet HTML 28Page - Maxim Integrated Products MAX1021 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
______________________________________________________________________________________
25
Table 5. Setup Register*
BIT NAME
BIT
FUNCTION
—7 (MSB)
Set to zero to select setup register.
—6
Set to one to select setup register.
CKSEL1
5
Clock mode and CNVST configuration; resets to one at power-up.
CKSEL0
4
Clock mode and CNVST configuration.
REFSEL1
3
Reference-mode configuration.
REFSEL0
2
Reference-mode configuration.
DIFFSEL1
1
Unipolar-/bipolar-mode register configuration for differential mode.
DIFFSEL0
0 (LSB)
Unipolar-/bipolar-mode register configuration for differential mode.
Table 5a. Clock Modes (see the Clock Mode section)
CKSEL1
CKSEL0
CONVERSION CLOCK
ACQUISITION/SAMPLING
CNVST CONFIGURATION
00
Internal
Internally timed.
CNVST
01
Internal
Externally timed by CNVST.
CNVST
10
Internal
Internally timed.
AIN15/AIN11/AIN7
11
External (4.8MHz max)
Externally timed by SCLK.
AIN15/AIN11/AIN7
Table 5b. Clock Modes 00, 01, and 10
REFSEL1
REFSEL0
VOLTAGE
REFERENCE
OVERRIDE
CONDITIONS
AUTOSHUTDOWN
REF2
CONFIGURATION
AIN
Internal reference turns off after scan is complete. If
internal reference is turned off, there is a programmed
delay of 218 internal-conversion clock cycles.
00
Internal (DAC
and ADC)
Temperature
Internal reference required. There is a programmed
delay of 244 internal-conversion clock cycles for the
internal reference to settle after wake-up.
AIN14/AIN10/AIN6
AIN
Internal reference not used.
01
External single-
ended (REF1
for DAC and
REF2 for ADC)
Temperature
Internal reference required. There is a programmed
delay of 244 internal-conversion clock cycles for the
internal reference to settle after wake-up.
REF2
AIN
Default reference mode. Internal reference turns off
after scan is complete. If internal reference is turned
off, there is a programmed delay of 218 internal-
conversion clock cycles.
10
Internal (ADC)
and external
REF1 (DAC)
Temperature
Internal reference required. There is a programmed
delay of 244 internal-conversion clock cycles for the
internal reference to settle after wake-up.
AIN14/AIN10/AIN6
AIN
Internal reference not used.
11
External
differential
(ADC), external
REF1 (DAC)
Temperature
Internal reference required. There is a programmed
delay of 244 internal-conversion clock cycles for the
internal reference to settle after wake-up.
REF2
*See below for bit details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com