Electronic Components Datasheet Search
  English  ▼

X  

MAX1021 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX1021
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1021 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX1021 Datasheet HTML 25Page - Maxim Integrated Products MAX1021 Datasheet HTML 26Page - Maxim Integrated Products MAX1021 Datasheet HTML 27Page - Maxim Integrated Products MAX1021 Datasheet HTML 28Page - Maxim Integrated Products MAX1021 Datasheet HTML 29Page - Maxim Integrated Products MAX1021 Datasheet HTML 30Page - Maxim Integrated Products MAX1021 Datasheet HTML 31Page - Maxim Integrated Products MAX1021 Datasheet HTML 32Page - Maxim Integrated Products MAX1021 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
______________________________________________________________________________________
29
Table 9 details the four scan modes available in the
ADC conversion register. All four scan modes allow
averaging as long as the AVGON bit, bit 4 in the
averaging register, is set to 1. Select scan mode 10 to
scan the same channel multiple times. Clock mode 11
disables averaging. For example, if AVGON = 1,
NAVG[1:0] = 00, NSCAN [1:0] = 11 and SCAN [1:0] =
10, 16 results are written to the FIFO, with each result
being the average of four conversions of channel N.
DAC Select Register
Write a command byte 0001XXXX to the DAC select
register (as shown in Table 9) to set up the DAC inter-
face and indicate that another word will follow. The last
4 bits of the DAC select register are don’t-care bits. The
word that follows the DAC select-register command
byte controls the DAC serial interface. See Table 20
and the DAC Serial Interface section.
Reset Register
Write to the reset register (as shown in Table 11) to
clear the FIFO or to reset all registers to their default
states. Set the RESET bit to one to reset the FIFO. Set
the RESET bit to zero to return the MAX1020–MAX1023/
MAX1057/MAX1058 to their default power-up state. All
registers power up in state 00000000, except for the
setup register that powers up in clock mode 10
(CKSEL1 = 1). Set the SLOW bit to one to add a 15ns
delay in the DOUT signal path to provide a longer hold
time. Writing a one to the SLOW bit also clears the con-
tents of the FIFO. Set the FBGON bit to one to force the
bias block and bandgap reference to power up regard-
less of the state of the DAC and activity of the ADC
block. Setting the FBGON bit high also removes the
programmed wake-up delay between conversions in
clock modes 01 and 11. Setting the FBGON bit high
also clears the FIFO.
GPIO Command
Write a command byte to the GPIO command register
to configure, write, or read the GPIOs, as detailed in
Table 12.
Write the command byte 00000011 to configure the
GPIOs. The eight SCLK cycles following the command
byte load data from DIN to the GPIO configuration reg-
ister in the MAX1020/MAX1021. The 16 SCLK cycles
Table 10. DAC Select Register
BIT
NAME
BIT
FUNCTION
—7 (MSB) Set to zero to select DAC select register.
—6
Set to zero to select DAC select register.
—5
Set to zero to select DAC select register.
—4
Set to one to select DAC select register.
X3
Don’t care.
X2
Don’t care.
X1
Don’t care.
X0
Don’t care.
Table 11. Reset Register
BIT
NAME
BIT
FUNCTION
—7 (MSB)
Set to zero to select ADC reset register.
—6
Set to zero to select ADC reset register.
—5
Set to zero to select ADC reset register.
—4
Set to zero to select ADC reset register.
—3
Set to one to select ADC reset register.
RESET
2
Set to zero to clear the FIFO only. Set to
one to set the device in its power-on
condition.
SLOW
1
Set to one to turn on slow mode.
FBGON
0 (LSB)
Set to one to force internal bias block and
bandgap reference to be always powered
up.
Table 12. GPIO Command Register
BIT NAME
BIT
FUNCTION
—7 (MSB)
Set to zero to select GPIO register.
—6
Set to zero to select GPIO register.
—5
Set to zero to select GPIO register.
—4
Set to zero to select GPIO register.
—3
Set to zero to select GPIO register.
—2
Set to zero to select GPIO register.
GPIOSEL1
1
GPIO configuration bit.
GPIOSEL2
0 (LSB)
GPIO write bit.
GPIOSEL1
GPIOSEL2
FUNCTION
11
GPIO configuration; written data is
entered in the GPIO configuration
register.
10
GPIO write; written data is entered
in the GPIO write register.
01
GPIO read; the next 8/16 SCLK
cycles transfer the state of all GPIO
drivers into DOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com