Electronic Components Datasheet Search
  English  ▼

X  

TUSB551 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB551
Description  1.8-V USB 3.0 Single Channel Re-Driver with Equalization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB551 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB551 Datasheet HTML 1Page - Texas Instruments TUSB551 Datasheet HTML 2Page - Texas Instruments TUSB551 Datasheet HTML 3Page - Texas Instruments TUSB551 Datasheet HTML 4Page - Texas Instruments TUSB551 Datasheet HTML 5Page - Texas Instruments TUSB551 Datasheet HTML 6Page - Texas Instruments TUSB551 Datasheet HTML 7Page - Texas Instruments TUSB551 Datasheet HTML 8Page - Texas Instruments TUSB551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
VCC
GND
1
12
11
10
4
5
6
7
8
9
3
TXN
TXP
RXN
RXP
OS
NC
NC
NC
EQ
DE
2
TUSB551
www.ti.com
SLLSEJ1A – MARCH 2014 – REVISED MARCH 2014
6 Terminal Configuration and Functions
RWB Package
1.6 mm x 1.6 mm
(Top View)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VCC
1
Power
1.8 V Power Supply.
GND
2
GND
Ground.
Differential
RXP
3
Differential input for 5Gbps SuperSpeed positive signals.
input
Differential
RXN
4
Differential input for 5Gbps SuperSpeed negative signals.
input
NC
5, 9, 10
Not internally connected
OS
6
CMOS Input
Sets output swing on the TX. 2-state input with integrated pull-up and pull-down resistors.
EQ
7
CMOS Input
Sets equalizer gain on the RX. 3-state input with integrated pull-up and pull-down resistors.
Sets output de-emphasis on the TX. 3-state input with integrated pull-up and pull-down
DE
8
CMOS Input
resistors.
Differential
TXN
11
Differential output for 5Gbps SuperSpeed negative signals.
output
Differential
TXP
12
Differential output for 5Gbps SuperSpeed positive signals.
output
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TUSB551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com