Electronic Components Datasheet Search
  English  ▼

X  

TUSB551 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB551
Description  1.8-V USB 3.0 Single Channel Re-Driver with Equalization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB551 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB551 Datasheet HTML 4Page - Texas Instruments TUSB551 Datasheet HTML 5Page - Texas Instruments TUSB551 Datasheet HTML 6Page - Texas Instruments TUSB551 Datasheet HTML 7Page - Texas Instruments TUSB551 Datasheet HTML 8Page - Texas Instruments TUSB551 Datasheet HTML 9Page - Texas Instruments TUSB551 Datasheet HTML 10Page - Texas Instruments TUSB551 Datasheet HTML 11Page - Texas Instruments TUSB551 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TUSB551
SLLSEJ1A – MARCH 2014 – REVISED MARCH 2014
www.ti.com
7.9 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential Transmitter (TXP, TXN)
De-Emphasis = –3.5dB Propagation
Tdiff-LH,
Differential propagation delay times
delay between 50% level at input
278
ps
Tdiff-HL
(see Figure 1)
and output
tidleEntry,
Idle entry and exit times (see
6
ns
tidleExit
Figure 2)
7.10 Typical Characteristics
Figure 5. After Re-Driver EQ(3dB), Input = 12”,
Figure 4. No Re-Driver, Trace Length = 16”+3m Cable
Output = 4”+3m Cable
Figure 7. After Re-Driver EQ(6dB), Input = 20”,
Figure 6. No Re-Driver, Trace Length = 24”+3m Cable
Output = 4”+3m Cable
Figure 9. After Re-Driver De = 3.5dB, EQ = 3dB, Input = 16",
Figure 8. No Re-Driver, Trace Length = 36"+3m Cable
Output = 20"+3m Cable
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TUSB551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com