Electronic Components Datasheet Search
  English  ▼

X  

TUSB551 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB551
Description  1.8-V USB 3.0 Single Channel Re-Driver with Equalization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB551 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB551 Datasheet HTML 2Page - Texas Instruments TUSB551 Datasheet HTML 3Page - Texas Instruments TUSB551 Datasheet HTML 4Page - Texas Instruments TUSB551 Datasheet HTML 5Page - Texas Instruments TUSB551 Datasheet HTML 6Page - Texas Instruments TUSB551 Datasheet HTML 7Page - Texas Instruments TUSB551 Datasheet HTML 8Page - Texas Instruments TUSB551 Datasheet HTML 9Page - Texas Instruments TUSB551 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TUSB551
SLLSEJ1A – MARCH 2014 – REVISED MARCH 2014
www.ti.com
AC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential Transmitter (TXP, TXN)
OS = Low, DE=Low
1050
Transmitter differential voltage swing
VTX-DIFF-PP
mVpp
(transition-bit)(1)
OS = Floating, DE=Low
1200
VTX-DIFF-
LFPS differential voltage swing
OS = Low, Floating
800
1200
mVpp
PP-LFPS
DE = Low, OS = Floating
0
VTX-DE-
Transmitter de-emphasis
DE = Floating, OS = Floating
–3
–3.5
–4
dB
RATIO
DE = High, OS = Floating
–6
CTX
TX input capacitance to GND
At 2.5GHz
1.25
pF
ZTX-DIFF
Differential impedance of the driver
80
120
Ω
Common-mode impedance of the
Measured with respect to AC ground
ZTX-CM
20
30
Ω
driver
over 0-500mV
ITX-SC
TX short circuit current
TX+/- shorted to GND
60
mA
Common-mode voltage bias in the
VCM-TX
0.6
0.8
V
transmitter (DC)
AC common-mode voltage swing in
VCM-TX-AC
Within U0 and within LFPS
100
mVpp
active mode
VTX-IDLE-
Differential voltage swing during
Tested with a high-pass filter
0
10
mVpp
DIFF -AC-PP
electrical idle
VTX-CM-
Absolute delta of DC CM voltage
100
mV
ΔU1-U0
during active and idle states
VTX-IDLE-
DC electrical idle differential output
Voltage must be low pass filtered to
0
10
mV
DIFF-DC
voltage
remove any AC component
Voltage change to allow receiver
Positive voltage to sense receiver
Vdetect
600
mV
detect
termination
(1)
VTX-DIFF-PP is measured at the TX output with no load and no trace.
7.8 Timing Requirements/Timing Diagrams
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Apply 0V to VCC, connect
Time from power applied until RX
SuperSpeed termination to TX±,
tREADY
52
ms
termination
apply 1.8V to VCC, and measure
when ZRX-DIFF is enabled.
Differential Transmitter (TXP, TXN)
20%-80% of differential voltage
tr, tf
Output rise/fall times (see Figure 3)
measured 1 inch from the output
56
ps
terminal
20%-80% of differential voltage
tRF-MM
Output rise/fall time mismatch
measured 1 inch from the output
2.6
ps
terminal
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TUSB551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com