Electronic Components Datasheet Search
  English  ▼

X  

TUSB551 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB551
Description  1.8-V USB 3.0 Single Channel Re-Driver with Equalization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB551 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB551 Datasheet HTML 9Page - Texas Instruments TUSB551 Datasheet HTML 10Page - Texas Instruments TUSB551 Datasheet HTML 11Page - Texas Instruments TUSB551 Datasheet HTML 12Page - Texas Instruments TUSB551 Datasheet HTML 13Page - Texas Instruments TUSB551 Datasheet HTML 14Page - Texas Instruments TUSB551 Datasheet HTML 15Page - Texas Instruments TUSB551 Datasheet HTML 16Page - Texas Instruments TUSB551 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TUSB551
www.ti.com
SLLSEJ1A – MARCH 2014 – REVISED MARCH 2014
The output swing setting can also be configured based on the amplitude needed to pass the compliance test.
This setting will also be based on the length of interconnect or cable the TUSB551 is driving. This terminal
should be pulled low through a resistor to ground or left floating. The application schematic above shows the
implementation. See Device Functional Modes section for OS values.
9.2.1.3 Application Performance Plot
Figure 14. TX Compliance Test with TUSB551 EQ = 3dB OS = 1050mV DE = 0dB
10 Power Supply Recommendations
This device is designed to operate with a 1.8V supply. If using a higher voltage system power supply such as
VBUS, a voltage regulator can be used to step down to 1.8V. Decoupling capacitors may be used to reduce
noise and improve power supply integrity.
11 Layout
11.1 Layout Guidelines
The 100nF capacitors on the TXP and SSTXN nets should be placed close to the USB connector (Type A,
Type B, and so forth).
The ESD and EMI protection devices (if used) should also be placed as close as possible to the USB
connector.
Place voltage regulators as far away as possible from the differential pairs.
In general, the large bulk capacitors associated with each power rail should be placed as close as possible to
the voltage regulators.
It is recommended that small decoupling capacitors for the 1.8V power rail be placed close to the TUSB551
as shown below.
The SuperSpeed differential pair traces for RXP/N and TXP/N must be designed with a characteristic
impedance of 90
Ω ±10%. The PCB stack-up and materials will determine the width and spacing needed for a
characteristic impedance of 90
Ω.
The SuperSpeed differential pair traces should be routed parallel to each other as much as possible. It is
recommended the traces be symmetrical.
In order to minimize cross talk, it is recommended to keep high speed signals away from each other. Each
pair should be separated by at least 5 times the signal trace width. Separating with ground will also help
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TUSB551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com