Electronic Components Datasheet Search
  English  ▼

X  

TUSB551 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB551
Description  1.8-V USB 3.0 Single Channel Re-Driver with Equalization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB551 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB551 Datasheet HTML 1Page - Texas Instruments TUSB551 Datasheet HTML 2Page - Texas Instruments TUSB551 Datasheet HTML 3Page - Texas Instruments TUSB551 Datasheet HTML 4Page - Texas Instruments TUSB551 Datasheet HTML 5Page - Texas Instruments TUSB551 Datasheet HTML 6Page - Texas Instruments TUSB551 Datasheet HTML 7Page - Texas Instruments TUSB551 Datasheet HTML 8Page - Texas Instruments TUSB551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TUSB551
www.ti.com
SLLSEJ1A – MARCH 2014 – REVISED MARCH 2014
7.5 Power Supply Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Link in U0 with SuperSpeed data
71.65
transmission; OS = Low; DE = Low
ICC-ACTIVE
Average active current
mA
Link in U0 with SuperSpeed data
transmission; OS = Floating; DE =
82.35
Low
Link has some activity, not in U1;
ICC-IDLE
Average current in idle state
35
mA
OS = Low
ICC-U2U3
Average current in U2/U3
Link in U2 or U3
12.20
mA
No SuperSpeed device is connected
ICC-NC
Average current with no connection
4.3
mA
to TXP/TXN
7.6 DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3-State CMOS Inputs (EQ, DE)
VIH
High-level input voltage
VCC * 0.8
V
VIM
Mid-level input voltage
VCC / 2
V
VIL
Low-level input voltage
VCC * 0.2
V
VF
Floating voltage
VIN = High impedance
VCC / 2
V
RPU
Internal pull-up resistance
105
k
Ω
RPD
Internal pull-down resistance
105
k
Ω
IIH
High-level input current
VIN = 1.98V
26
µA
IIL
Low-level input current
VIN = GND
–26
µA
2-State CMOS Inputs (OS)
VIL
Low-level input voltage
VCC * 0.8
V
VIM
Mid-level input voltage
VCC/2
V
VF
Floating voltage
VIN = High Impedance
VCC/2
V
RPD
Internal pull-down resistance
105
Ω
IIM
Mid-level input current
26
µA
IIL
Low-level input current
VIN = GND
-26
µA
7.7 AC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential Receiver (RXP, RXN)
VCM-RX
Common-mode voltage bias in the
0
V
receiver (DC)
Present after a SuperSpeed device
ZRX-DIFF
Differential input impedance (DC)
72
91
120
Ω
is detected on TXP/TXN
Common-mode input impedance
Present after a SuperSpeed device
ZRX-CM
18
24
30
Ω
(DC)
is detected on TXP/TXN
Present when no SuperSpeed
ZRX-HIGH-
Common-mode input impedance
device is detected on TXP/TXN.
25
150
k
Ω
IMP-DC-POS
with termination disabled (DC)
Measured over the range of 0-
500mV with respect to GND.
VRX-LFPS-
Low Frequency Periodic Signaling
Below the minimum is squelched.
100
300
mVpp
DET-DIFF-PP
(LFPS) detect threshold
CRX
RX input capacitance to GND
At 2.5GHz
400
fF
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TUSB551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com