Electronic Components Datasheet Search
  English  ▼

X  

TUSB551 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB551
Description  1.8-V USB 3.0 Single Channel Re-Driver with Equalization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB551 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB551 Datasheet HTML 5Page - Texas Instruments TUSB551 Datasheet HTML 6Page - Texas Instruments TUSB551 Datasheet HTML 7Page - Texas Instruments TUSB551 Datasheet HTML 8Page - Texas Instruments TUSB551 Datasheet HTML 9Page - Texas Instruments TUSB551 Datasheet HTML 10Page - Texas Instruments TUSB551 Datasheet HTML 11Page - Texas Instruments TUSB551 Datasheet HTML 12Page - Texas Instruments TUSB551 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
RX+
RX-
TX+
TX-
LFPS
Controller
EQ
Driver
Receiver
/
Equalizer
DE
OS
Advanced
State Machine
GND
VCC
TUSB551
www.ti.com
SLLSEJ1A – MARCH 2014 – REVISED MARCH 2014
8 Detailed Description
8.1 Overview
When 5Gbps SuperSpeed USB signals travel across a PCB or cable, signal integrity degrades due to loss and
inter-symbol interference. The TUSB551 recovers incoming data by applying equalization that compensates for
channel loss, and drives out signals with a high differential voltage. This extends the possible channel length,
and enables systems to pass USB 3.0 compliance.
The TUSB551 advanced state machine makes it transparent to hosts and devices. After power up, the TUSB551
periodically performs receiver detection on the TX pair. If it detects a SuperSpeed USB receiver, the RX
termination is enabled, and the TUSB551 is ready to re-drive.
The device’s ultra low-power architecture operates at a 1.8V power supply and achieves enhanced performance.
The receiver equalizer has three gain settings that are controlled by terminal EQ: 3 dB, 6 dB, and 9 dB. The
equalization should be set based on amount of insertion loss in the channel before the TUSB551. Likewise, the
output driver supports configuration of De-Emphasis and Output Swing (terminals DE and OS). The automatic
LFPS De-Emphasis control further enables the system to be USB3.0 compliant.
The TUSB551 operates over the industrial temperature range of -40ºC to 85ºC in the 1.6mm x 1.6mm X2QFN
package.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Receiver Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and inter-symbol interference in
the system before the input of the TUSB551. The receiver overcomes these losses by attenuating the low
frequency components of the signals with respect to the high frequency components. The proper gain setting
should be selected to match the channel insertion loss before the input of the TUSB551.
8.3.2 De-Emphasis Control and Output Swing
The differential driver output provides selectable de-emphasis and output swing control in order to achieve
USB3.0 compliance. The TUSB551 offers a unique way to adjust output de-emphasis and transmitter swing
based on the OS and DE terminals. The level of de-emphasis required in the system depends on the channel
length after the output of the re-driver.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TUSB551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com