Electronic Components Datasheet Search
  English  ▼

X  

TUSB551 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB551
Description  1.8-V USB 3.0 Single Channel Re-Driver with Equalization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB551 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB551 Datasheet HTML 7Page - Texas Instruments TUSB551 Datasheet HTML 8Page - Texas Instruments TUSB551 Datasheet HTML 9Page - Texas Instruments TUSB551 Datasheet HTML 10Page - Texas Instruments TUSB551 Datasheet HTML 11Page - Texas Instruments TUSB551 Datasheet HTML 12Page - Texas Instruments TUSB551 Datasheet HTML 13Page - Texas Instruments TUSB551 Datasheet HTML 14Page - Texas Instruments TUSB551 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TUSB551
www.ti.com
SLLSEJ1A – MARCH 2014 – REVISED MARCH 2014
9 Applications and Implementation
9.1 Application Information
One example of the TUSB551 used in a Host application on transmit and receive channels is shown below. The
re-driver is needed on the transmit path to pass transmitter compliance due to loss between the Host and
connector. The re-driver uses it’s equalization to recover the insertion loss and re-drive the signal with boosted
swing down the remaining channel, through the USB3.0 cable, and into the device PCB. Additionally, the
TUSB551 is needed on the receive channel for the Host to pass receiver jitter tolerance. The re-driver recovers
the loss from the Device PCB, connector, and USB 3.0 cable and re-drives the signal going into the Host
receiver. The equalization, output swing, and de-emphasis settings are dependent upon the type of USB3.0
signal path and end application.
Figure 11. Application for Host Systems
9.2 Typical Application
9.2.1 Transmit and Receive Channels
The TUSB551 is placed in the transmitter channel and connected to a USB3 Type-A connector. This particular
example shows the polarity swapped on the RXP/N and TXP/N differential pairs. The positive signal may be
routed to RXN as long as the corresponding output, TXN, is routed to the positive terminal on the connector
(SSTXP). This allows routing to be done without crossing the differential pair signals and using extra vias. The
EQ and DE terminals must be pulled up, pulled down, or left floating depending on the amount of equalization or
de-emphasis that is desired. The OS terminal must be pulled down or left floating depending on the required
output swing. In this example, the EQ terminal is pulled low through a resistor and the OS and DE terminals are
left floating.
Figure 12. Transmitter Channel Implementation with Differential Pair Polarity Swapped
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TUSB551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com