Electronic Components Datasheet Search
  English  ▼

X  

TUSB551 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB551
Description  1.8-V USB 3.0 Single Channel Re-Driver with Equalization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB551 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB551 Datasheet HTML 1Page - Texas Instruments TUSB551 Datasheet HTML 2Page - Texas Instruments TUSB551 Datasheet HTML 3Page - Texas Instruments TUSB551 Datasheet HTML 4Page - Texas Instruments TUSB551 Datasheet HTML 5Page - Texas Instruments TUSB551 Datasheet HTML 6Page - Texas Instruments TUSB551 Datasheet HTML 7Page - Texas Instruments TUSB551 Datasheet HTML 8Page - Texas Instruments TUSB551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB551
SLLSEJ1A – MARCH 2014 – REVISED MARCH 2014
TUSB551 1.8-V USB 3.0 Single Channel Re-Driver with Equalization
1 Features
3 Description
The
TUSB551
is
a
4th-generation
USB3.0
1
•
USB3.0 SuperSpeed Re-Driver with 1.8 V Power
SuperSpeed (SS) re-driver that features a 1.8V power
Supply
supply with low consumption, superior output drive
•
Ultra Low-Power Architecture:
performance, and automatic LFPS De-Emphasis
–
Active: <130 mW
control for full USB 3.0 compliance. The re-driver
offers selectable gain settings in the equalizer to
–
U2/U3: <22 mW
account
for
channel
loss.
These
settings
are
–
< 8mW with No Connection
controlled by the EQ terminal. To compensate for
•
Optimal Receiver Equalization:
downstream transmission line losses, the output
driver supports configuration of De-Emphasis and
–
3/6/9 dB
Output Swing (terminals DE and OS). These settings
•
Superior Drive Performance
allow
optimal
performance,
increased
signaling
•
Automatic LFPS De-Emphasis Control To Meet
distance, and flexibility in placement of the TUSB551
USB 3.0 Certification Requirements
in the SuperSpeed USB path.
•
No Host/Device-Side Requirement
Device Information
•
Small Package Options
ORDER NUMBER
PACKAGE
BODY SIZE
•
Hot-Plug Capable
TUSB551RWBR
X2QFN (12)
1.6mm x 1.6mm
•
ESD protection exceeds > ±4kV HBM
•
-40°C to 85°C Industrial Temperature Range
2 Applications
•
Cell Phones
•
Tablets
•
Docking Stations
•
Televisions
•
Active Cables
•
Backplanes
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB501 TI-TUSB501 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501 TI1-TUSB501 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501 TI2-TUSB501 Datasheet
1Mb / 18P
USB 3.0 Single Channel Redriver with Equalization
REVISED AUGUST 2013
TUSB501-Q1 TI1-TUSB501-Q1 Datasheet
1Mb / 23P
USB 3.0 Single-Channel Redriver with Equalization
TUSB501-Q1 TI2-TUSB501-Q1 Datasheet
1Mb / 18P
USB 3.0 Single Channel Redriver with Equalization
REVISED AUGUST 2013
More results

Similar Description - TUSB551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB501 TI-TUSB501 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501 TI1-TUSB501_16 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501-Q1 TI1-TUSB501-Q1 Datasheet
1Mb / 23P
USB 3.0 Single-Channel Redriver with Equalization
TVB1440 TI1-TVB1440 Datasheet
1Mb / 30P
4-Channel Video Re-Driver with Equalization
logo
ON Semiconductor
NB7VPQ701M ONSEMI-NB7VPQ701M Datasheet
856Kb / 10P
1.8 V USB 3.1 Single Channel Re-driver
October, 2016 ??Rev. 2
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
logo
California Eastern Labs
THCX222R05 CEL-THCX222R05 Datasheet
288Kb / 11P
High Performance Re-driver with Linear Equalization
THCX222R10 CEL-THCX222R10 Datasheet
197Kb / 12P
High Performance Re-driver with Linear Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com