Electronic Components Datasheet Search
  English  ▼

X  

TUSB551 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB551
Description  1.8-V USB 3.0 Single Channel Re-Driver with Equalization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB551 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB551 Datasheet HTML 1Page - Texas Instruments TUSB551 Datasheet HTML 2Page - Texas Instruments TUSB551 Datasheet HTML 3Page - Texas Instruments TUSB551 Datasheet HTML 4Page - Texas Instruments TUSB551 Datasheet HTML 5Page - Texas Instruments TUSB551 Datasheet HTML 6Page - Texas Instruments TUSB551 Datasheet HTML 7Page - Texas Instruments TUSB551 Datasheet HTML 8Page - Texas Instruments TUSB551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TUSB551
SLLSEJ1A – MARCH 2014 – REVISED MARCH 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
2.3
V
Differential I/O
–0.3
1.5
Voltage range at any input or output terminal
V
CMOS Inputs
–0.3
2.3
TJ
Maximum junction temperature
105
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
TSTG
Storage temperature
–65
150
°C
Human Body Model (all terminals)(1)
±4
kV
ESD
Electrostatic discharge
Charged-device model (all terminals)(2)
±1250
V
(1)
Tested in accordance with JEDEC Standard 22, Test Method A114-B.
(2)
Tested in accordance with JEDEC Standard 22, Test Method C101-A.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Main power supply
1.62
1.8
1.98
V
TA
Operating free-air temperature
–40
85
°C
CAC
AC coupling capacitor
75
100
200
nF
7.4 Thermal Information
TUSB551
THERMAL METRIC(1)
RWB PACKAGE
UNIT
12 TERMINALS
θJA
Junction-to-ambient thermal resistance(2)
175.2
θJCtop
Junction-to-case (top) thermal resistance(3)
71.5
θJB
Junction-to-board thermal resistance(4)
40.5
°C/W
ψJT
Junction-to-top characterization parameter(5)
2.5
ψJB
Junction-to-board characterization parameter(6)
40.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TUSB551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com