Electronic Components Datasheet Search
  English  ▼

X  

TUSB551 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB551
Description  1.8-V USB 3.0 Single Channel Re-Driver with Equalization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB551 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB551 Datasheet HTML 8Page - Texas Instruments TUSB551 Datasheet HTML 9Page - Texas Instruments TUSB551 Datasheet HTML 10Page - Texas Instruments TUSB551 Datasheet HTML 11Page - Texas Instruments TUSB551 Datasheet HTML 12Page - Texas Instruments TUSB551 Datasheet HTML 13Page - Texas Instruments TUSB551 Datasheet HTML 14Page - Texas Instruments TUSB551 Datasheet HTML 15Page - Texas Instruments TUSB551 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TUSB551
SLLSEJ1A – MARCH 2014 – REVISED MARCH 2014
www.ti.com
Typical Application (continued)
The TUSB551 is placed in the receiver channel and connected to a USB3 Type-A connector. This example
shows the polarity matched, and the TUSB551 footprint is rotated so the trace routing of the differential pairs will
not overlap. The EQ and DE terminals must be pulled up, pulled down, or left floating depending on the amount
of equalization or de-emphasis that is desired. The OS terminal must be pulled down or left floating depending
on the required output swing. In this example, the EQ and OS terminals are left floating and the DE terminal is
pulled up through a resistor.
Figure 13. Receive Channel Implementation
9.2.1.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
100 mV to 1200 mV
Output Voltage Range
1050 mV to 1200 mV
Equalization
3, 6, 9 dB
De-Emphasis
0, –3.5, –6 dB (OS Floating)
VCC
1.8 V nominal supply
9.2.1.2 Detailed Design Procedure
To begin the design process, determine the following:
•
Equalization (EQ) setting
•
De-Emphasis (DE) setting
•
Output Swing Amplitude (OS) setting
The equalization should be set based on the insertion loss in the pre-channel (channel before the TUSB551
device). The input voltage to the device is able to have a large range because of the receiver sensitivity and the
available EQ settings. The EQ terminal can be pulled high through a resistor to VCC, low through a resistor to
ground, or left floating. The application schematic above shows the implementation. See Device Functional
Modes section for EQ values.
The De-Emphasis setting should be set based on the length and characteristics of the post channel (channel
after the TUSB551 device). Output de-emphasis can be tailored using the DE terminal. This terminal should be
pulled high through a resistor to VCC, low through a resistor to ground, or left floating. The application schematic
above shows the implementation. See Device Functional Modes section for DE values.
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TUSB551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com