Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 28Page - Texas Instruments TUSB1210 Datasheet HTML 29Page - Texas Instruments TUSB1210 Datasheet HTML 30Page - Texas Instruments TUSB1210 Datasheet HTML 31Page - Texas Instruments TUSB1210 Datasheet HTML 32Page - Texas Instruments TUSB1210 Datasheet HTML 33Page - Texas Instruments TUSB1210 Datasheet HTML 34Page - Texas Instruments TUSB1210 Datasheet HTML 35Page - Texas Instruments TUSB1210 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
TUSB1210
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
7
6
5
4
3
2
1
0
DRVVBUS
CHRGVBUS
DPPULLDOWN
IDPULLUP
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
USEEXTERNALVBUSINDICATOR
RW
0
6
DRVVBUSEXTERNAL
RW
0
5
DRVVBUS
RW
0
4
CHRGVBUS
RW
0
3
DISCHRGVBUS
RW
0
2
DMPULLDOWN
RW
1
1
DPPULLDOWN
RW
1
0
IDPULLUP
RW
0
5.4.1.1.14 USB_INT_EN_RISE
ADDRESS OFFSET
0x0D
PHYSICAL ADDRESS
0x0D
INSTANCE
USB_SCUSB
DESCRIPTION
If set, the bits in this register cause an interrupt event notification to be generated when the
corresponding PHY signal changes from low to high. By default, all transitions are enabled.
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
IDGND_RISE
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
Reserved
R
0
5
Reserved
R
0
4
IDGND_RISE
Generate an interrupt event notification when IdGnd changes from
RW
1
low to high.
Event is automatically masked if IdPullup bit is clear to 0 and for
50ms after IdPullup is set to 1.
3
SESSEND_RISE
Generate an interrupt event notification when SessEnd changes
RW
1
from low to high.
32
Detailed Description
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com