Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments TUSB1210 Datasheet HTML 11Page - Texas Instruments TUSB1210 Datasheet HTML 12Page - Texas Instruments TUSB1210 Datasheet HTML 13Page - Texas Instruments TUSB1210 Datasheet HTML 14Page - Texas Instruments TUSB1210 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
TUSB1210
www.ti.com
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
4.8.1.2
VDD33 Regulator
The VDD33 internal LDO regulator powers the USB PHY, charger detection, and OTG functions of the USB
subchip inside TUSB1210. Table 4-6 describes the regulator characteristics.
VDD33 regulator takes its power from VBAT.
Since the USB2.0 standard requires data lines to be biased with pullups biased from a supply greater than 3 V,
and since VDD33 regulator has an inherent voltage drop from its input, VBAT, to its regulated output, TUSB1210
will not meet USB 2.0 Standard if operated from a battery whose voltage is lower than 3.3 V.
Table 4-6. VDD33 Internal LDO Regulator Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VINVDD33
Input voltage
VBAT USB
VVDD33 typ + 0.2
3.6
4.5
V
VUSB3V3_VSEL = ‘000
2.4
2.5
2.6
VUSB3V3_VSEL = ‘001
2.65
2.75
2.85
VUSB3V3_VSEL = ‘010
2.9
3.0
3.1
VUSB3V3_VSEL = ‘011 (default)
3.0
3.1
3.2
VVDD33
Output voltage
ON mode,
V
VUSB3V3_VSEL = ‘100
3.1
3.2
3.3
VUSB3V3_VSEL = ‘101
3.2
3.3
3.4
VUSB3V3_VSEL = ‘110
3.3
3.4
3.5
VUSB3V3_VSEL = ‘111
3.4
3.5
3.6
Active mode
15
IVDD33
Rated output current
VBAT USB
mA
Suspend/reset mode
1
4.8.1.3
VDD18 Supply
The VDD18 supply is powered externally at the VDD18 pin. See Table 6-2 for external components.
4.8.1.4
VDD15 Regulator
The VDD15 internal LDO regulator powers the USB subchip inside TUSB1210. Table 4-7 describes the regulator
characteristics.
Table 4-7. VDD15 Internal LDO Regulator Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN VDD15
Input voltage
On mode, VIN VDD15 = VBAT
2.7
3.6
4.5
V
VVDD15
Output voltage
VINVDD15 min – VINVDD15 max
1.45
1.56
1.65
V
IVDD15
Rated output current
On mode
30
mA
Copyright © 2009–2015, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com