Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 51Page - Texas Instruments TUSB1210 Datasheet HTML 52Page - Texas Instruments TUSB1210 Datasheet HTML 53Page - Texas Instruments TUSB1210 Datasheet HTML 54Page - Texas Instruments TUSB1210 Datasheet HTML 55Page - Texas Instruments TUSB1210 Datasheet HTML 56Page - Texas Instruments TUSB1210 Datasheet HTML 57Page - Texas Instruments TUSB1210 Datasheet HTML 58Page - Texas Instruments TUSB1210 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
TUSB1210
www.ti.com
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
6.3
Power Supply Recommendations
VBUS, and VBAT, and VDDIO, are needed for power the TUSB1210. Recommended operation is for VBAT to
be present before VDDIO. Applying VDDIO before VBAT to TUSB1210 is not recommended as there is a
diode from VDDIO to VBAT which will be forward biased when VDDIO is present but VBAT is not present.
TUSB1210 does not strictly require VBUS to function.
6.3.1
TUSB1210 Power Supply
•
The VDDIO pins of the TUSB1210 supply 1.8 V (nominal) power to the core of the TUSB1210. This
power rail can be isolated from all other power rails by a ferrite bead to reduce noise.
•
The VBAT pin of the TUSB1210 supply 3.3 V (nominal) power rail to the TUSB1210. This power rail can
be isolated from all other power rails by a ferrite bead to reduce noise.
•
The VBUS pin of the TUSB1210 supply 5.0 V (nominal) power rail to the TUSB1210. This pin is
normally connected to the VBUS pin of the USB connector.
•
The VBUS pin of the TUSB1210 supply 5.0 V (nominal) power rail to the TUSB1210. This pin is
normally connected to the VBUS pin of the USB connector.
Copyright © 2009–2015, Texas Instruments Incorporated
Application, Implementation, and Layout
55
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com