Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 12Page - Texas Instruments TUSB1210 Datasheet HTML 13Page - Texas Instruments TUSB1210 Datasheet HTML 14Page - Texas Instruments TUSB1210 Datasheet HTML 15Page - Texas Instruments TUSB1210 Datasheet HTML 16Page - Texas Instruments TUSB1210 Datasheet HTML 17Page - Texas Instruments TUSB1210 Datasheet HTML 18Page - Texas Instruments TUSB1210 Datasheet HTML 19Page - Texas Instruments TUSB1210 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
USB-IP
OTG
1V5
3V3
1V8
POR
VBAT
PLL
PHY
ANA
PHY
DIG
+
ULPI
+
REGS
32K
BGAP
& REF
POR
DIG
DIG
TEST
OTG
PWR_ FSM
POR
VIO
CTRL
RST_DIG
VDDIO (32)
VBAT (21)
N /C
(24)
VDD15 (12)
VDD18 (28)
VDD33 (20)
DP (18)
DM (19)
ID (23)
(22)
VBUS
( 1) REFCLK
(25) N/C
(17) CPEN
(16) N/C
(15) N/C
VDD18 (30)
PKG Substrate
(Ground )
(14) CFG
(11) CS
( 8) N/C
(27) RESETB
TUSB1210
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
5.2
Functional Block Diagram
5.3
Processor Subsystem
5.3.1
USB Transceiver
The TUSB1210 device includes a universal serial bus (USB) on-the-go (OTG) transceiver that supports
USB 480 Mb/s high-speed (HS), 12 Mb/s full-speed (FS), and USB 1.5 Mb/s low-speed (LS) through a 12-
pin UTMI+ low pin interface (ULPI).
NOTE
LS device mode is not allowed by a USB2.0 HS capable PHY, therefore it is not supported
by TUSB1210. This is clearly stated in USB2.0 standard Chapter 7, page 119, second
paragraph: “A high-speed capable upstream facing transceiver must not support low-speed
signaling mode..” There is also some related commentary in Chapter 7.1.2.3.
5.3.1.1
TUSB1210 Modes vs ULPI Pin Status
Table 5-1, Table 5-2, and Table 5-3 show the status of each of the 12 ULPI pins including input/output
direction and whether output pins are driven to ‘0’ or to ‘1’, or pulled up/pulled down via internal
pullup/pulldown resistors.
Note that pullup/pulldown resistors are automatically replaced by driven ‘1’/’0’ levels respectively once
internal IORST is released, with the exception of the pullup on STP which is maintained in all modes.
Pin assignment changes in ULPI 3-pin serial mode, ULPI 6-pin serial mode, and UART mode. Unused
pins are tied low in these modes as shown below.
16
Detailed Description
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com