Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 29Page - Texas Instruments TUSB1210 Datasheet HTML 30Page - Texas Instruments TUSB1210 Datasheet HTML 31Page - Texas Instruments TUSB1210 Datasheet HTML 32Page - Texas Instruments TUSB1210 Datasheet HTML 33Page - Texas Instruments TUSB1210 Datasheet HTML 34Page - Texas Instruments TUSB1210 Datasheet HTML 35Page - Texas Instruments TUSB1210 Datasheet HTML 36Page - Texas Instruments TUSB1210 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
TUSB1210
www.ti.com
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
2
SESSVALID_RISE
Generate an interrupt event notification when SessValid changes
RW
1
from low to high. SessValid is the same as UTMI+ AValid.
1
VBUSVALID_RISE
Generate an interrupt event notification when VbusValid changes
RW
1
from low to high.
0
HOSTDISCONNECT_RISE
Generate an interrupt event notification when Hostdisconnect
RW
1
changes from low to high. Applicable only in host mode
(DpPulldown and DmPulldown both set to 1b).
5.4.1.1.15 USB_INT_EN_RISE_SET
ADDRESS OFFSET
0x0E
PHYSICAL ADDRESS
0x0E
INSTANCE
USB_SCUSB
DESCRIPTION
This register doesn't physically exist.
It is the same as the usb_int_en_rise register with read/set-only property (write '1' to set a particular bit,
a write '0' has no-action).
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
IDGND_RISE
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
Reserved
R
0
5
Reserved
R
0
4
IDGND_RISE
RW
1
3
SESSEND_RISE
RW
1
2
SESSVALID_RISE
RW
1
1
VBUSVALID_RISE
RW
1
0
HOSTDISCONNECT_RIS
RW
1
E
5.4.1.1.16 USB_INT_EN_RISE_CLR
ADDRESS OFFSET
0x0F
PHYSICAL ADDRESS
0x0F
INSTANCE
USB_SCUSB
DESCRIPTION
This register doesn't physically exist.
It is the same as the usb_int_en_rise register with read/clear-only property (write '1' to clear a particular
bit, a write '0' has no-action).
TYPE
RW
WRITE LATENCY
Copyright © 2009–2015, Texas Instruments Incorporated
Detailed Description
33
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com