Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 42Page - Texas Instruments TUSB1210 Datasheet HTML 43Page - Texas Instruments TUSB1210 Datasheet HTML 44Page - Texas Instruments TUSB1210 Datasheet HTML 45Page - Texas Instruments TUSB1210 Datasheet HTML 46Page - Texas Instruments TUSB1210 Datasheet HTML 47Page - Texas Instruments TUSB1210 Datasheet HTML 48Page - Texas Instruments TUSB1210 Datasheet HTML 49Page - Texas Instruments TUSB1210 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
TUSB1210
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
2:00
VUSB3V3_VSEL
000 VRUSB3P1V = 2.5 V
RW
0x3
001 VRUSB3P1V = 2.75 V
010 VRUSB3P1V = 3.0 V
011 VRUSB3P1V = 3.10 V (default)
100 VRUSB3P1V = 3.20 V
101 VRUSB3P1V = 3.30 V
110 VRUSB3P1V = 3.40 V
111 VRUSB3P1V = 3.50 V
5.4.1.1.35 VENDOR_SPECIFIC3_SET
ADDRESS OFFSET
0x86
PHYSICAL ADDRESS
0x86
INSTANCE
USB_SCUSB
DESCRIPTION
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
RESERVED
SOF_EN
CPEN_OD
CPEN_ODOS
IDGND_DRV
VUSB3V3_VSEL
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
RW
0
6
SOF_EN
RW
0
5
CPEN_OD
RW
0
4
CPEN _ODOS
RW
0
3
IDGND_DRV
RW
0x0
2:00
VUSB3V3_VSEL
RW
0x3
5.4.1.1.36 VENDOR_SPECIFIC3_CLR
ADDRESS OFFSET
0x87
PHYSICAL ADDRESS
0x87
INSTANCE
USB_SCUSB
DESCRIPTION
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
RESERVED
SOF_EN
CPEN_OD
CPEN_ODOS
IDGND_DRV
VUSB3V3_VSEL
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
RW
0
6
SOF_EN
RW
0
5
CPEN_OD
RW
0
4
CPEN_ODOS
RW
0
3
IDGND_DRV
RW
0x0
2:00
VUSB3V3_VSEL
RW
0x3
46
Detailed Description
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com