Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments TUSB1210 Datasheet HTML 11Page - Texas Instruments TUSB1210 Datasheet HTML 12Page - Texas Instruments TUSB1210 Datasheet HTML 13Page - Texas Instruments TUSB1210 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
TUSB1210
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
4.7.4
Clock 32 kHz
An internal clock generator running at 32 kHz has been implemented to provide a low-speed, low-power clock to
the system
Table 4-4. Performances
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output duty cycle
Input duty cycle 40–60%
48%
50%
52%
Output frequency
23
32
38
kHz
4.7.5
Reset
All logic is reset if CS = 0 or VBAT are not present.
All logic (except 32 kHz logic) is reset if VDDIO is not present.
PHY logic is reset when any supplies are not present (VDDIO, VDD15, VDD18, VDD33) or if RESETB pin is low.
TUSB1210 may be reset manually by toggling the RESETB pin to GND for at lease 200 ns.
If manual reset via RESETB is not required then RESETB pin may be tied to VDDIO permanently.
4.8
Power Module
This chapter describes the electrical characteristics of the voltage regulators and timing characteristics of the
supplies digitally controlled within the TUSB1210.
4.8.1
Power Modules
4.8.1.1
Power Providers
Table 4-5. Summary of TUSB1210 Power Providers(1)
TYPICAL
MAXIMUM
NAME
USAGE
TYPE
VOLTAGE (V)
CURRENT (mA)
VDD15
Internal
LDO
1.5
50
VDD18
External
LDO
1.8
30
VDD33
Internal
LDO
3.1
15
(1)
VDD33 may be supplied externally, or by shorting the VDD33 pin to VBAT pin provided VBAT min is in
range [3.2 V : 3.6 V]. Note that the VDD33 LDO will always power-on when the chip is enabled,
irrespective of whether VDD33 is supplied externally or not. In the case the VDD33 pin is not supplied
externally in the application, the electrical specs for this LDO are provided below.
10
Specifications
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com