Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 41Page - Texas Instruments TUSB1210 Datasheet HTML 42Page - Texas Instruments TUSB1210 Datasheet HTML 43Page - Texas Instruments TUSB1210 Datasheet HTML 44Page - Texas Instruments TUSB1210 Datasheet HTML 45Page - Texas Instruments TUSB1210 Datasheet HTML 46Page - Texas Instruments TUSB1210 Datasheet HTML 47Page - Texas Instruments TUSB1210 Datasheet HTML 48Page - Texas Instruments TUSB1210 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
TUSB1210
www.ti.com
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
MNTR_VUSBIN_OK_LATCH
Set to 1 when an unmasked event occurs on MNTR_VUSBIN_OK_LATCH.
R
0
Clear on read register.
5
ABNORMALSTRESS_LATCH
Set to 1 when an unmasked event occurs on ABNORMALSTRESS. Clear on
R
0
read register.
4
ID_FLOAT_LATCH
Set to 1 when an unmasked event occurs on ID_FLOAT. Clear on read
R
0
register.
3
ID_RESC_LATCH
Set to 1 when an unmasked event occurs on ID_RESC. Clear on read
R
0
register.
2
ID_RESB_LATCH
Set to 1 when an unmasked event occurs on ID_RESB. Clear on read
R
0
register.
1
ID_RESA_LATCH
Set to 1 when an unmasked event occurs on ID_RESA. Clear on read
R
0
register.
0
BVALID_LATCH
Set to 1 when an unmasked event occurs on VB_SESS_VLD. Clear on read
R
0
register.
5.4.1.1.34 VENDOR_SPECIFIC3
ADDRESS OFFSET
0x85
PHYSICAL ADDRESS
0x85
INSTANCE
USB_SCUSB
DESCRIPTION
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
RESERVED
SOF_EN
CPEN_OD
CPEN_ODOS
IDGND_DRV
VUSB3V3_VSEL
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
RW
0
6
SOF_EN
0: HS USB SOF detector disabled.
RW
0
1: Enable HS USB SOF detection when PHY is set in device mode.
SOF are output on CPEN pin. HS USB SOF (start-of-frame) output
clock is available on CPEN pin when this bit is set. HS USB SOF
packet rate is 8 kHz.
This bit is provided for debugging purpose only. It must never been
write to ‘1’ in functional mode
5
CPEN_OD
This bit has no effect when CPEN_ODOS = ‘0’, else :
RW
0
0: CPEN pad is in OS (Open Source) mode.
In this case CPEN pin has an internal NMOS driver, and will be active
LOW.
Externally there should be a pullup resistor on CPEN (min 1kohm) to a
supply voltage (max 3.6V).
1: CPEN pad is in OD (Open Drain) mode
In this case CPEN pin has an internal PMOS driver, and will be active
HIGH.
Externally there should be a pull-down resistor on CPEN (min 1 k
Ω to
GND.
4
CPEN_ODOS
Mode selection bit for CPEN pin.
RW
0
0 : CPEN pad is in CMOS mode
1: CPEN pad is in OD (Open Drain) or OS (Open Source) mode
(controlled by CPEN_OD bit)
3
IDGND_DRV
Drives ID pin to ground
RW
0x0
Copyright © 2009–2015, Texas Instruments Incorporated
Detailed Description
45
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com