Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN10501DBVT Datasheet HTML 2Page - Texas Instruments SN10501DBVT Datasheet HTML 3Page - Texas Instruments SN10501DBVT Datasheet HTML 4Page - Texas Instruments SN10501DBVT Datasheet HTML 5Page - Texas Instruments SN10501DBVT Datasheet HTML 6Page - Texas Instruments SN10501DBVT Datasheet HTML 7Page - Texas Instruments SN10501DBVT Datasheet HTML 8Page - Texas Instruments SN10501DBVT Datasheet HTML 9Page - Texas Instruments SN10501DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
6
Figure 1
−2
−1
0
1
2
3
100 k
1 M
10 M
100 M
1 G
FREQUENCY RESPONSE
f − Frequency − Hz
4
7
6
5
8
VO = 2 VPP
−3 dB at 99 MHz
VO = 0.1 VPP
−3 dB at 99 MHz
Gain = 2
RL = 150 Ω to GND
VS = ±5 V
RF = 1.43 kΩ
Figure 2
5.3
5.4
5.5
5.6
5.7
5.8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
5.9
6.2
6.1
6.0
6.3
VO = 2 VPP
−0.1 dB at 51 MHz
VO = 0.1 VPP
−0.1 dB at 49 MHz
Gain = 2
RL = 150 Ω to GND
VS = ±5 V
RF = 1.43 kΩ
FREQUENCY RESPONSE
Figure 3
−2
−1
0
1
2
3
100 k
1 M
10 M
100 M
1 G
FREQUENCY RESPONSE
f − Frequency − Hz
4
7
6
5
8
VO = 2 VPP
−3 dB at 99 MHz
VO = 0.1 VPP
−3 dB at 99 MHz
Gain = 2
RL = 150 Ω to GND
VS = ±5 V
RF = 301 Ω
Figure 4
5.3
5.4
5.5
5.6
5.7
5.8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
5.9
6.2
6.1
6.0
6.3
VO = 2 VPP
−0.1 dB at 14 MHz
VO = 0.1 VPP
−0.1 dB at 14 MHz
Gain = 2
RL = 150 Ω to GND
VS = ±5 V
RF = 301 Ω
FREQUENCY RESPONSE
Figure 5
−2
−1
0
1
2
3
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
4
7
6
5
8
VO = 2 VPP
−3 dB at 99 MHz
VO = 0.1 VPP
−3 dB at 99 MHz
Gain = 2
RL = 150 Ω to VS/2
VS = 5 V
RF = 1.24 kΩ
FREQUENCY RESPONSE
Figure 6
5.3
5.4
5.5
5.6
5.7
5.8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
5.9
6.2
6.1
6.0
6.3
VO = 0.1 VPP
−0.1 dB at 48 MHz
VO = 2 VPP
−0.1 dB at 58 MHz
Gain = 2
RL = 150 Ω to VS/2
VS = 5 V
RF = 1.24 kΩ
FREQUENCY RESPONSE
Figure 7
−2
−1
0
1
2
3
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
4
7
6
5
8
VO = 2 VPP
−3 dB at 89 MHz
VO = 0.1 VPP
−3 dB at 84 MHz
Gain = 2
RL = 150 Ω to VS/2
VS = 5 V
RF = 301Ω
FREQUENCY RESPONSE
Figure 8
5.3
5.4
5.5
5.6
5.7
5.8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
5.9
6.2
6.1
6.0
6.3
VO = 2 VPP
−0.1 dB at 16 MHz
VO = 0.1 VPP
−0.1 dB at 16 MHz
Gain = 2
RL = 150 Ω to VS/2
VS = 5 V
RF = 301 Ω
FREQUENCY RESPONSE
Figure 9
−2
−1
0
1
2
3
4
5
6
7
8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
FREQUENCY RESPONSE
RL = 150 Ω
RF = 1 kΩ
VO = 100 mVPP
VS = ±5 V
Gain = 2
Gain = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com