Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501DBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN10501DBVT Datasheet HTML 11Page - Texas Instruments SN10501DBVT Datasheet HTML 12Page - Texas Instruments SN10501DBVT Datasheet HTML 13Page - Texas Instruments SN10501DBVT Datasheet HTML 14Page - Texas Instruments SN10501DBVT Datasheet HTML 15Page - Texas Instruments SN10501DBVT Datasheet HTML 16Page - Texas Instruments SN10501DBVT Datasheet HTML 17Page - Texas Instruments SN10501DBVT Datasheet HTML 18Page - Texas Instruments SN10501DBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
15
BOARD LAYOUT
Achieving optimum performance with a high frequency
amplifier like the SN1050x requires careful attention to
board layout parasitics and external component types.
Recommendations that will optimize performance include:
1.
Minimize parasitic capacitance to any ac ground
for all of the signal I/O pins. Parasitic capacitance on
the output and inverting input pins can cause
instability: on the noninverting input, it can react with
the source impedance to cause unintentional band
limiting. To reduce unwanted capacitance, a window
around the signal I/O pins should be opened in all of
the ground and power planes around those pins.
Otherwise, ground and power planes should be
unbroken elsewhere on the board.
2.
Minimize the distance (< 0.25”) from the power
supply pins to high frequency 0.1-
µF decoupling
capacitors. At the device pins, the ground and power
plane layout should not be in close proximity to the
signal I/O pins. Avoid narrow power and ground traces
to minimize inductance between the pins and the
decoupling capacitors. The power supply connections
should always be decoupled with these capacitors.
Larger (2.2-
µF to 6.8-µF) decoupling capacitors,
effective at lower frequency, should also be used on
the main supply pins. These may be placed somewhat
farther from the device and may be shared among
several devices in the same area of the PC board.
3.
Careful selection and placement of external
components
preserves
the
high
frequency
performance of the SN1050x. Resistors should be a
very low reactance type. Surface-mount resistors
work best and allow a tighter overall layout. Metal-film
and carbon composition, axially-leaded resistors can
also provide good high frequency performance.
Again, keep their leads and PC board trace length as
short as possible. Never use wire wound type
resistors in a high frequency application. Since the
output pin and inverting input pin are the most
sensitive to parasitic capacitance, always position the
feedback and series output resistor, if any, as close as
possible to the output pin. Other network components,
such as noninverting input termination resistors,
should also be placed close to the package. Where
double-side component mounting is allowed, place
the feedback resistor directly under the package on
the other side of the board between the output and
inverting input pins. Even with a low parasitic
capacitance
shunting
the
external
resistors,
excessively high resistor values can create significant
time constants that can degrade performance. Good
axial metal-film or surface-mount resistors have
approximately 0.2 pF in shunt with the resistor. For
resistor values > 2.0 k
Ω, this parasitic capacitance can
add a pole and/or a zero below 400 MHz that can
effect circuit operation. Keep resistor values as low as
possible, consistent with load driving considerations.
It has been suggested that a good starting point for
design is to set the Rf to 1.3 kΩ for low-gain,
noninverting applications. Doing this automatically
keeps the resistor noise terms low, and minimizes the
effect of their parasitic capacitance.
4.
Connections to other wideband devices on the
board may be made with short direct traces or
through onboard transmission lines. For short
connections, consider the trace and the input to the
next device as a lumped capacitive load. Relatively
wide traces (50 mils to 100 mils) should be used,
preferably with ground and power planes opened up
around them. Estimate the total capacitive load and
set RISO from the plot of recommended RISO vs
Capacitive Load. Low parasitic capacitive loads
(<4 pF) may not need an R(ISO), since the SN1050x is
nominally compensated to operate with a 2-pF
parasitic load. Higher parasitic capacitive loads
without an R(ISO) are allowed as the signal gain
increases (increasing the unloaded phase margin). If
a long trace is required, and the 6-dB signal loss
intrinsic to a doubly-terminated transmission line is
acceptable,
implement
a
matched
impedance
transmission
line
using
microstrip
or
stripline
techniques (consult an ECL design handbook for
microstrip and stripline layout techniques). A 50-
Ω
environment is normally not necessary onboard, and
in fact a higher impedance environment improves
distortion as shown in the distortion versus load plots.
With a characteristic board trace impedance defined
based on board material and trace dimensions, a
matching series resistor into the trace from the output
of the SN1050x is used as well as a terminating shunt
resistor at the input of the destination device.
Remember also that the terminating impedance is the
parallel combination of the shunt resistor and the input
impedance of the destination device: this total
effective impedance should be set to match the trace
impedance. If the 6-dB attenuation of a doubly
terminated transmission line is unacceptable, a long
trace can be series-terminated at the source end only.
Treat the trace as a capacitive load in this case and set
the series resistor value as shown in the plot of R(ISO)
vs Capacitive Load. This setting does not preserve
signal integrity or a doubly-terminated line. If the input
impedance of the destination device is low, there is
some signal attenuation due to the voltage divider
formed by the series output into the terminating
impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com