Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN10501DBVT Datasheet HTML 12Page - Texas Instruments SN10501DBVT Datasheet HTML 13Page - Texas Instruments SN10501DBVT Datasheet HTML 14Page - Texas Instruments SN10501DBVT Datasheet HTML 15Page - Texas Instruments SN10501DBVT Datasheet HTML 16Page - Texas Instruments SN10501DBVT Datasheet HTML 17Page - Texas Instruments SN10501DBVT Datasheet HTML 18Page - Texas Instruments SN10501DBVT Datasheet HTML 19Page - Texas Instruments SN10501DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
16
5.
Socketing a high speed part like the SN1050x is
not recommended. The additional lead length and
pin-to-pin capacitance introduced by the socket can
create a troublesome parasitic network which can
make it almost impossible to achieve a smooth, stable
frequency response. Best results are obtained by
soldering the SN1050x onto the board.
THERMAL ANALYSIS
The SN1050x family of devices does not incorporate
automatic thermal shutoff protection, so the designer must
take care to ensure that the design does not violate the
absolute maximum junction temperature of the device.
Failure may result if the absolute maximum junction
temperature of 150
_ C is exceeded.
The thermal characteristics of the device are dictated by
the package and the PC board. Maximum power
dissipation for a given package can be calculated using the
following formula.
P
Dmax +
Tmax–TA
q
JA
where:
PDmax is the maximum power dissipation in the amplifier (W).
Tmax is the absolute maximum junction temperature (°C).
TA is the ambient temperature (°C).
θJA = θJC + θCA
θJC is the thermal coefficient from the silicon junctions to the
case (
°C/W).
θCA is the thermal coefficient from the case to ambient air
(
°C/W).
1.5
1
0
−40
−20
0
20
40
60
80
TA − Ambient Temperature − °C
θJA = 170°C/W for 8-Pin SOIC (D)
θJA = 324.1°C/W for 5-Pin SOT−23 (DBV)
TJ = 150°C, No Airflow
Figure 46. Maximum Power Dissipation vs
Ambient Temperature
0.5
8-Pin D Package
1.25
0.25
0.75
5-Pin DBV Package
When determining whether or not the device satisfies the
maximum power dissipation requirement, it is important to
consider not only quiescent power dissipation, but also
dynamic power dissipation. Often maximum power
dissipation is difficult to quantify because the signal pattern
is inconsistent, but an estimate of the RMS power
dissipation can provide visibility into a possible problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com