Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN10501DBVT Datasheet HTML 4Page - Texas Instruments SN10501DBVT Datasheet HTML 5Page - Texas Instruments SN10501DBVT Datasheet HTML 6Page - Texas Instruments SN10501DBVT Datasheet HTML 7Page - Texas Instruments SN10501DBVT Datasheet HTML 8Page - Texas Instruments SN10501DBVT Datasheet HTML 9Page - Texas Instruments SN10501DBVT Datasheet HTML 10Page - Texas Instruments SN10501DBVT Datasheet HTML 11Page - Texas Instruments SN10501DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
8
Figure 19
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
1
23
45
Number of Loads − 150
Ω
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
Gain = 2
Rf = 1.5 kΩ
40 IRE − PAL
Worst Case
±100 IRE Ramp
VS = 5 V
VS = ±5 V
Figure 20
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
012
34
5
Number of Loads − 150
Ω
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
Gain = 2
Rf = 1.5 kΩ
40 IRE − PAL
Worst Case
±100 IRE Ramp
VS = ±5 V
VS = 5 V
Figure 21
0
2
4
6
8
10
12
14
16
18
20
22
1.5
2
2.5
3
3.5
4
4.5
5
VS − Supply Voltage − ±V
QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
TA = 85°C
TA = 25°C
TA = −40°C
Figure 22
−5
−4
−3
−2
−1
0
1
2
3
4
5
10
100
1 k
10 k
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
RL − Load Resistance − Ω
TA = −40 to 85°C
Figure 23
−10
0
10
20
30
40
50
60
70
80
90
100
110
100
1 k 10 k
100 k 1 M 10 M 100 M 1 G
−20
0
20
40
60
80
100
120
140
160
180
200
220
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
f − Frequency − Hz
VS = ±5 V, 5 V,
and 3.3 V
Figure 24
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
REJECTION RATIO
vs
FREQUENCY
f − Frequency − MHz
VS = ±5 V, 5 V, and 3.3 V
CMMR
PSRR
Figure 25
40
50
60
70
80
90
100
−40−30−20−10 0 102030405060 708090
REJECTION RATIO
vs
CASE TEMPERATURE
TC − Case Temperature − °C
PSRR
CMMR
VS = ±5 V, 5 V, and 3.3 V
Figure 26
0
10
20
30
40
50
60
70
80
90
100
−6
−4
−2
0
2
4
6
VICR − Input Common-Mode Voltage Range − V
COMMON-MODE REJECTION RATIO
vs
INPUT COMMON-MODE RANGE
VS = ±5 V
TA = 25°C
Figure 27
0
10
20
30
40
50
60
70
80
90
100
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
VICR − Input Common-Mode Voltage Range − V
COMMON-MODE REJECTION RATIO
vs
INPUT COMMON-MODE RANGE
VS = 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com