Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN10501DBVT Datasheet HTML 10Page - Texas Instruments SN10501DBVT Datasheet HTML 11Page - Texas Instruments SN10501DBVT Datasheet HTML 12Page - Texas Instruments SN10501DBVT Datasheet HTML 13Page - Texas Instruments SN10501DBVT Datasheet HTML 14Page - Texas Instruments SN10501DBVT Datasheet HTML 15Page - Texas Instruments SN10501DBVT Datasheet HTML 16Page - Texas Instruments SN10501DBVT Datasheet HTML 17Page - Texas Instruments SN10501DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
14
APPLICATION CIRCUITS
Active Filtering With the SN1050x
High-frequency active filtering with the SN1050x is
achievable due to the amplifier’s high slew rate, wide
bandwidth, and voltage feedback architecture. Several
options are available for high-pass, low-pass, bandpass,
and bandstop filters of varying orders. A simple two-pole
low pass filter is presented here as an example, with two
poles at 25 MHz.
_
+
49.9
Ω
50
Ω Source
1.3 k
Ω
4.7 pF
5 V
−5 V
33 pF
VO
1.3 k
Ω
52.3
Ω
VI
Figure 45. A Two-Pole Active Filter With Two
Poles Between 90 MHz and 100 MHz
Driving Capacitive Loads
One of the most demanding, and yet very common, load
conditions for an op amp is capacitive loading. Often, the
capacitive load is the input of an A/D converter, including
additional
external
capacitance,
which
may
be
recommended to improve A/D linearity. A high-speed, high
open-loop gain amplifier like the SN1050x can be very
susceptible to decreased stability and closed-loop
response peaking when a capacitive load is placed directly
on the output pin. When the amplifier’s open-loop output
resistance is considered, this capacitive load introduces
an additional pole in the signal path that can decrease the
phase margin. When the primary considerations are
frequency response flatness, pulse response fidelity, or
distortion, the simplest and most effective solution is to
isolate the capacitive load from the feedback loop by
inserting a series isolation resistor between the amplifier
output and the capacitive load. This does not eliminate the
pole from the loop response, but rather shifts it and adds
a zero at a higher frequency. The additional zero acts to
cancel the phase lag from the capacitive load pole, thus
increasing the phase margin and improving stability.
Power Supply Decoupling Techniques and
Recommendations
Power supply decoupling is a critical aspect of any
high-performance amplifier design process. Careful
decoupling provides higher quality ac performance (most
notably improved distortion performance). The following
guidelines ensure the highest level of performance.
1.
Place decoupling capacitors as close to the power
supply inputs as possible, with the goal of minimizing
the inductance of the path from ground to the power
supply.
2.
Placement priority should put the smallest valued
capacitors closest to the device.
3.
Use
of
solid
power
and
ground
planes
is
recommended to reduce the inductance along power
supply return current paths, with the exception of the
areas underneath the input and output pins.
4.
Recommended values for power supply decoupling
include a bulk decoupling capacitor (6.8 to 22
µF), a
mid-range decoupling capacitor (0.1
µF) and a high
frequency decoupling capacitor (1000 pF) for each
supply. A 100 pF capacitor can be used across the
supplies as well for extremely high frequency return
currents, but often is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com