Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN10501DBVT Datasheet HTML 5Page - Texas Instruments SN10501DBVT Datasheet HTML 6Page - Texas Instruments SN10501DBVT Datasheet HTML 7Page - Texas Instruments SN10501DBVT Datasheet HTML 8Page - Texas Instruments SN10501DBVT Datasheet HTML 9Page - Texas Instruments SN10501DBVT Datasheet HTML 10Page - Texas Instruments SN10501DBVT Datasheet HTML 11Page - Texas Instruments SN10501DBVT Datasheet HTML 12Page - Texas Instruments SN10501DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
9
Figure 28
0.01
0.1
1
10
100
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
OUTPUT IMPEDANCE
vs
FREQUENCY
Gain = 2
RL = 150 Ω to GND
VO = 2 VPP
VS = ±5 V
RF = 301 Ω
RF = 1.43 kΩ
Figure 29
0.01
0.1
1
10
100
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
OUTPUT IMPEDANCE
vs
FREQUENCY
Gain = 2
RL = 150 Ω to VS/2
VO = 2 VPP
VS = 5 V
RF = 301 Ω
RF = 1.24 kΩ
Figure 30
0
20
40
60
80
100
120
100 k
1 M
10 M
100 M
1 G
CROSSTALK
vs
FREQUENCY
f − Frequency − Hz
Crosstalk all Channels
VS = ±5 V, 5 V, and 3.3 V
Gain = 1
RL = 150 Ω
VIN= −1 dB
TA = 25°C
Figure 31
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
−30
−25
−20
−15
−10
−5
0
5
INPUT BIAS AND OFFSET CURRENT
vs
CASE TEMPERATURE
VS = ±5 V
IIB+
IOS
Case Temperature −
°C
IIB−
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
−25
−20
−15
−10
−5
0
5
10
INPUT BIAS AND OFFSET CURRENT
vs
CASE TEMPERATURE
VS = 5 V
IIB+
IOS
Case Temperature −
°C
IIB−
Figure 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com