Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN10501DBVT Datasheet HTML 7Page - Texas Instruments SN10501DBVT Datasheet HTML 8Page - Texas Instruments SN10501DBVT Datasheet HTML 9Page - Texas Instruments SN10501DBVT Datasheet HTML 10Page - Texas Instruments SN10501DBVT Datasheet HTML 11Page - Texas Instruments SN10501DBVT Datasheet HTML 12Page - Texas Instruments SN10501DBVT Datasheet HTML 13Page - Texas Instruments SN10501DBVT Datasheet HTML 14Page - Texas Instruments SN10501DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
11
In
the
inverting
configuration,
some
key
design
considerations must be noted. One is that the gain resistor
(Rg) becomes part of the signal channel input impedance.
If the input impedance matching is desired (which is
beneficial whenever the signal is coupled through a cable,
twisted pair, long PC board trace, or other transmission
line conductors), Rg may be set equal to the required
termination value and Rf adjusted to give the desired gain.
However, care must be taken when dealing with low
inverting gains, as the resultant feedback resistor value
can present a significant load to the amplifier output. For
an inverting gain of 2, setting Rg to 49.9 Ω for input
matching eliminates the need for RM but requires a 100-Ω
feedback resistor. This has an advantage of the noise gain
becoming equal to 2 for a 50-
Ω source impedance—the
same as the noninverting circuit in Figure 33. However, the
amplifier output now sees the 100-
Ω feedback resistor in
parallel with the external load. To eliminate this excessive
loading, it is preferable to increase both Rg and Rf, values,
as shown in Figure 34, and then achieve the input
matching impedance with a third resistor (RM) to ground.
The
total
input
impedance
becomes
the
parallel
combination of Rg and RM.
The last major consideration to discuss in inverting
amplifier design is setting the bias current cancellation
resistor on the noninverting input. If the resistance is set
equal to the total dc resistance looking out of the inverting
terminal, the output dc error, due to the input bias currents,
is reduced to (input offset current) multiplied by Rf in
Figure 34, the dc source impedance looking out of the
inverting terminal is 1.3 k
Ω || (1.3 kΩ + 25.6 Ω) = 649 Ω.
To reduce the additional high-frequency noise introduced
by the resistor at the noninverting input, and power-supply
feedback, RT is bypassed with a capacitor to ground.
SINGLE SUPPLY OPERATION
The SN1050x family is designed to operate from a single
3-V to 15-V power supply. When operating from a single
power supply, care must be taken to ensure the input
signal and amplifier are biased appropriately to allow for
the maximum output voltage swing. The circuits shown in
Figure 35 demonstrate methods to configure an amplifier
in a manner conducive for single supply operation.
_
+
49.9
Ω
50
Ω Source
VI
+VS
VO
Rf
1.3 k
Ω
Rg
1.3 k
Ω
+VS
2
+VS
2
_
+
1.3 k
Ω
50
Ω Source
VI
VS
VO
Rf
1.3 k
Ω
52.3
Ω
Rg
499
Ω
RT
499
Ω
RT
+VS
2
+VS
2
Figure 35. DC-Coupled Single Supply Operation
VIDEO DRIVE CIRCUITS
Most video distribution systems are designed with 75-
Ω
series resistors to drive a matched 75-
Ω cable. In order to
deliver a net gain of 1 to the 75-
Ω matched load, the
amplifier is typically set up for a voltage gain of +2,
compensating for the 6-dB attenuation of the voltage
divider formed by the series and shunt 75-
Ω resistors at
either end of the cable. The circuit shown in Figure 36
applies to this requirement. Both the gain flatness and the
differential gain / phase performance of the SN1050x
provides
exceptional
results
in
video
distribution
applications.
+
−
Video In
10
µF
0.1
µF
VS−
75
Ω
75
Ω
10
µF
0.1
µF
1.43 k
Ω
1.43 k
Ω
75
Ω
VS+
+
5
3
4
2
+
1
VO
Figure 36. Cable Drive Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com