Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501DBVT Datasheet(HTML) 3 Page - Texas Instruments

  SN10501DBVT Datasheet HTML 1Page - Texas Instruments SN10501DBVT Datasheet HTML 2Page - Texas Instruments SN10501DBVT Datasheet HTML 3Page - Texas Instruments SN10501DBVT Datasheet HTML 4Page - Texas Instruments SN10501DBVT Datasheet HTML 5Page - Texas Instruments SN10501DBVT Datasheet HTML 6Page - Texas Instruments SN10501DBVT Datasheet HTML 7Page - Texas Instruments SN10501DBVT Datasheet HTML 8Page - Texas Instruments SN10501DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
VS = ±5 V, RL = 150 Ω, and G = 2 unless otherwise noted
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C to
85
°C
UNITS
MIN/
MAX
AC PERFORMANCE
G = 1, VO = 100 mVPP
170
MHz
Typ
Small signal bandwidth
G = 2, VO = 100 mVPP, Rf = 1 kΩ
100
MHz
Typ
Small signal bandwidth
G = 10, VO = 100 mVPP, Rf = 1 kΩ
12
MHz
Typ
0.1 dB flat bandwidth
G = 2, VO = 100 mVPP, Rf = 1.43 kΩ
50
MHz
Typ
Gain bandwidth product
G > 10, f = 1 MHz, Rf = 1 kΩ
120
MHz
Typ
Full-power bandwidth(1)
G = 2, VO = ±2.5 Vpp
57
MHz
Typ
Slew rate
G = 2, VO = ±2.5 Vpp
900
V/
µs
Min
Settling time to 0.1%
G = −2, VO = ±2 Vpp
25
ns
Typ
Settling time to 0.01%
G = −2, VO = ±2 Vpp
52
ns
Typ
Harmonic distortion
G = 2, VO = 2 VPP, f = 5 MHz
Second harmonic distortion
RL = 150 Ω
−78
dBc
Typ
Third harmonic distortion
RL = 150 Ω
−85
dBc
Typ
Differential gain (NTSC, PAL)
G = 2, R = 150
Ω
0.007
%
Typ
Differential phase (NTSC, PAL)
G = 2, R = 150
Ω
0.007
°
Typ
Input voltage noise
f = 1 MHz
13
nV/
√Hz
Typ
Input current noise
f = 1 MHz
0.8
pA/
√Hz
Typ
Crosstalk (dual and triple only)
f = 5 MHz Ch-to-Ch
−90
dB
Typ
(1) Full-power bandwidth = SR / 2πVpp
DC PERFORMANCE
Open-loop voltage gain (AOL)
VO = ±2 V
100
80
75
75
dB
Min
Input offset voltage
VCM = 0 V
12
25
30
30
mV
Max
Input bias current
VCM = 0 V
0.9
3
5
5
µA
Max
Input offset current
VCM = 0 V
100
500
700
700
nA
Max
INPUT CHARACTERISTICS
Common-mode input range
−4 / 4
−3.9 / 3.9
V
Min
Common-mode rejection ratio
VCM = ±2 V
94
70
65
65
dB
Min
Input resistance
33
M
Ω
Typ
Input capacitance
Common-mode / differential
1 / 0.5
pF
Max
OUTPUT CHARACTERISTICS
Output voltage swing
RL = 150 Ω
−4.5 / 4.5
V
Typ
Output voltage swing
RL = 499 Ω
−4.7 / 4.7
−4.5 / 4.5
−4.4 / 4.4
−4.4 / 4.4
V
Min
Output current (sourcing)
RL = 10 Ω
100
92
88
88
mA
Min
Output current (sinking)
RL = 10 Ω
−100
−92
−88
−88
mA
Min
Output impedance
f = 1 MHz
0.09
Ω
Typ
POWER SUPPLY
Specified operating voltage
±5
±9
±9
±9
V
Max
Maximum quiescent current
Per channel
14
18
20
22
mA
Max
Power supply rejection (
±PSRR)
75
62
60
60
dB
Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com