Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN10501DBVT Datasheet HTML 9Page - Texas Instruments SN10501DBVT Datasheet HTML 10Page - Texas Instruments SN10501DBVT Datasheet HTML 11Page - Texas Instruments SN10501DBVT Datasheet HTML 12Page - Texas Instruments SN10501DBVT Datasheet HTML 13Page - Texas Instruments SN10501DBVT Datasheet HTML 14Page - Texas Instruments SN10501DBVT Datasheet HTML 15Page - Texas Instruments SN10501DBVT Datasheet HTML 16Page - Texas Instruments SN10501DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
13
+
−
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
Input Range
= 1 V to 2.25 V
Output Range
= 2 V to 4.5 V
RT
VO Range
= 0 V to 1.25V
22
µF
1.24
k
Ω
22
µF
Figure 40. AC-Coupled SAG Corrected Output
Single-Supply Video Amplifier
Many times the output of the video encoder or DAC does
not have the capability to output the 1-V to 2.25-V range,
but rather a 0-V to 1.25-V range. In this instance, the signal
must be ac-coupled to the amplifier input as shown in
Figure 41. Note that it does not matter what the voltage
output of the DAC is, but rather the voltage swing should
be kept less than 1.25 VPP.
+
−
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
DAC Output
Input Range
VO Range
= 0 V to 1.25V
470
µF
= 0 V to 1.25V
5 V
47
µF
4.64 k
Ω
2.26 k
Ω
Output Range
= 2 V to 4.5 V
= 1 V to 2.25V
Figure 41. AC-Coupled Input and Output
Single-Supply Video Amplifier
To have even more dynamic range at the output, the
dc-bias at the output should be centered around 2.5 V for
the 5-V system shown. But, to have a wide output range
the input must also have a wide range and should be
centered around 2.5 V. The best ways to accomplish this
is to either ac-couple the gain resistor or bias it at 2.5 V
utilizing a reference supply as shown in Figure 42 and
Figure 43.
+
−
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
DAC Output
Input Range
VO Range
= 0 V to 2V
470
µF
= 0 V to 2V
5 V
47
µF
3.01 k
Ω
3.01 k
Ω
Output Range
= 1.5 V to 3.5V
= 0.5 V to 4.5V
68
µF
Figure 42. AC-Coupled Wide Output Swing
Single-Supply Video Amplifier
+
−
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
DAC Output
Input Range
VO Range
= 0 V to 2V
470
µF
= 0 V to 2V
5 V
47
µF
3.01 k
Ω
3.01 k
Ω
Output Range
= 1.5 V to 3.5V
= 0.5 V to 4.5V
2.5 V
Figure 43. AC-Coupled Wide Output Swing
Single-Supply Video Amplifier Utilizing Voltage
Reference
Another configuration that can be beneficial is to utilize the
amplifier in an inverting configuration is shown in
Figure 44.
+
−
75
Ω
75
Ω
2.49 k
Ω
1.24 k
Ω
5 V
DAC Output
Input = 2.5 V
VO Range
= 0 V to 2V
470
µF
= 0 V to 2V
5 V
10 k
Ω
10 k
Ω
Output Range
= 0.5 V to 4.5V
68
µF
10
µF
Figure 44. Inverting AC-Coupled Wide Output
Swing Single-Supply Video Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com