Electronic Components Datasheet Search
  English  ▼

X  

SN10501DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN10501DBVT
Description  HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10501DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN10501DBVT Datasheet HTML 8Page - Texas Instruments SN10501DBVT Datasheet HTML 9Page - Texas Instruments SN10501DBVT Datasheet HTML 10Page - Texas Instruments SN10501DBVT Datasheet HTML 11Page - Texas Instruments SN10501DBVT Datasheet HTML 12Page - Texas Instruments SN10501DBVT Datasheet HTML 13Page - Texas Instruments SN10501DBVT Datasheet HTML 14Page - Texas Instruments SN10501DBVT Datasheet HTML 15Page - Texas Instruments SN10501DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SN10501
SN10502
SN10503
SLOS408A − MARCH 2003 − REVISED DECEMBER 2003
www.ti.com
12
Differential gain and phase measure the change in overall
small-signal gain and phase for the color subcarrier
frequency (3.58 MHz in NTSC systems) vs changes in the
large-signal output level (which represents luminance
information in a composite video signal). The SN1050x,
with the typical 150-
Ω load of a single matched video
cable, shows less than 0.007% / 0.007
° differential
gain/phase errors over the standard luminance range for
a
positive
video
(negative
sync)
signal.
Similar
performance is observed for negative video signals. In
practice, similar performance is achieved even with three
video loads as shown in Figure 37 due to the linear
high-frequency output impedance of the SN1050x.
+
−
Video In
10
µF
0.1
µF
VS−
75
Ω
75
Ω
10
µF
0.1
µF
1.43 k
Ω
1.43 k
Ω
75
Ω
VS+
+
5
3
4
2
+
1
75
Ω
75
Ω
75
Ω
75
Ω
VO
VO
VO
Figure 37. Video Distribution
The above circuit is suitable for driving video cables,
provided that the length does not exceed a few feet. If
longer cables are driven, the gain of the SN1050x can be
increased to accommodate cable drops.
Configuring the SN1050x for single supply video
applications is easily done. But, attention must be made to
the bias voltages at the input and output to ensure the
system works as desired. Unlike some video amplifiers,
the input common-mode voltage range of the SN1050x
amplifiers do not include the negative power supply, but
rather it is about 1-V from each power supply. For split
supply configurations, this is very beneficial. But for
single-supply systems, there are some design constraints
that must be adhered to.
Figure 38 shows a single supply video configuration
illustrating the dc bias voltages acceptable for the
SN1050x. The lower end of the input common-mode range
is specified as 1 V. While the upper end is limited to 4 V with
the 5-V supply shown, the output range and gain of 2 limits
the highest acceptable input voltage to 4.5 V / 2 = 2.25 V.
The 4.5-V output is what is typically expected with a 150-
Ω
load. It is easily seen that the input voltage range and/or
the output voltage range will be the limiting factor in the
total system and both specifications must be taken into
account when designing a system.
+
−
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
Input Range
= 1 V to 2.25 V
Output Range
= 2 V to 4.5 V
RT
VO Range
= 1 V to 2.25 V
Figure 38. DC-Coupled Single-Supply Video
Amplifier
In most systems, this may be acceptable because most
receivers are ac-coupled and set the blank level to the
desired system value, typically 0 V (0-IRE). But, to ensure
full compatibility with any system, it is often desirable to
place an ac-coupling capacitor on the output as shown in
Figure 39. This eliminates the dc-bias voltage appearing
at the amplifier output. To minimize field tilt, the size of this
capacitor is typically 470
µF, although values as small as
220
µF have been utilized with acceptable results.
+
−
75
Ω
75
Ω
1.24 k
Ω
1.24 k
Ω
5 V
Input Range
= 1 V to 2.25 V
Output Range
= 2 V to 4.5 V
RT
VO Range
= 0 V to 1.25V
470
µF
Figure 39. AC-Coupled Output Single-Supply
Video Amplifier
In some systems, the physical size and sometimes cost of
a 470-
µF capacitor can be prohibitive. One way to
circumvent this issue is to utilize two smaller capacitors in
a feedback configuration as shown in Figure 40. This is
commonly known as SAG correction. This circuit
increases the gain of the amplifier up to 3 V/V at low
frequencies to counteract the increased impedance of the
capacitor placed at the amplifier output. One issue that
must be resolved is the gain at low frequencies is typically
limited by the power-supply voltage and the output swing
of the amplifier. Therefore, it is possible to saturate the
amplifier at these low frequencies if full analysis is not done
on this system which includes both input and output
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com