Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 2 Page - Texas Instruments

  OPA830 Datasheet HTML 1Page - Texas Instruments OPA830 Datasheet HTML 2Page - Texas Instruments OPA830 Datasheet HTML 3Page - Texas Instruments OPA830 Datasheet HTML 4Page - Texas Instruments OPA830 Datasheet HTML 5Page - Texas Instruments OPA830 Datasheet HTML 6Page - Texas Instruments OPA830 Datasheet HTML 7Page - Texas Instruments OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
OPA830-EP
SBOS655 – MARCH 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
7
Detailed Description ............................................ 17
7.1
Overview ................................................................. 17
2
Applications ........................................................... 1
7.2
Functional Block Diagram ....................................... 17
3
Description ............................................................. 1
7.3
Feature Description................................................. 17
4
Revision History..................................................... 2
8
Applications and Implementation ...................... 18
5
Terminal Configuration and Functions................ 3
8.1
Application Information............................................ 18
6
Specifications......................................................... 3
8.2
Typical Applications ................................................ 18
6.1
Absolute Maximum Ratings ...................................... 3
9
Power Supply Recommendations ...................... 28
6.2
Handling Ratings....................................................... 3
10
Layout................................................................... 28
6.3
Recommended Operating Conditions ....................... 4
10.1
Layout Guidelines ................................................. 28
6.4
Thermal Information .................................................. 4
10.2
Input and ESD Protection ..................................... 29
6.5
Electrical Characteristics, VS = ±5V.......................... 4
10.3
Layout Example .................................................... 30
6.6
Electrical Characteristics, VS = +5V.......................... 6
11
Device and Documentation Support ................. 32
6.7
Typical Characteristics VS = ±5V .............................. 8
11.1
Trademarks ........................................................... 32
6.8
Typical Characteristics VS = ±5V, Differential
Configuration............................................................ 11
11.2
Electrostatic Discharge Caution ............................ 32
6.9
Typical Characteristics VS = +5V ............................ 12
11.3
Glossary ................................................................ 32
6.10
Typical Characteristics VS = +5V, Differential
12
Mechanical, Packaging, and Orderable
Configuration............................................................ 16
Information ........................................................... 32
4 Revision History
DATE
REVISION
NOTES
March 2014
*
Initial release
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: OPA830-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com