Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 4 Page - Texas Instruments

  OPA830 Datasheet HTML 1Page - Texas Instruments OPA830 Datasheet HTML 2Page - Texas Instruments OPA830 Datasheet HTML 3Page - Texas Instruments OPA830 Datasheet HTML 4Page - Texas Instruments OPA830 Datasheet HTML 5Page - Texas Instruments OPA830 Datasheet HTML 6Page - Texas Instruments OPA830 Datasheet HTML 7Page - Texas Instruments OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
OPA830-EP
SBOS655 – MARCH 2014
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Dual supply voltage
±5
±5.5
V
Single supply voltage
5
11
V
TJ
Operating junction temperature
-40
105
°C
6.4 Thermal Information
OPA830-EP
THERMAL METRIC(1)
UNIT
DBV (5 TERMINAL)
RθJA
Junction-to-ambient thermal resistance
218.8
RθJCtop
Junction-to-case (top) thermal resistance
87.0
RθJB
Junction-to-board thermal resistance
45.2
°C/W
ψJT
Junction-to-top characterization parameter
4.4
ψJB
Junction-to-board characterization parameter
44.4
RθJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics, VS = ±5V
At -40°C
≤ TJ ≤ 105°C, G = +2, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 52).
OPA830TDBV
PARAMETER
CONDITIONS
UNIT
MIN
TYP
MAX
AC PERFORMANCE (see Figure 52)(1)
G = +1, VO ≤ 0.2VPP
310
G = +2, VO ≤ 0.2VPP, -40°C to 85°C
65
120
Small-Signal Bandwidth
MHz
G = +5, VO ≤ 0.2VPP, -40°C to 85°C
15
25
G = +10, VO ≤ 0.2VPP, -40°C to 85°C
6
11
Gain-Bandwidth Product
G
≥ +10, -40°C to 85°C
80
110
MHz
Peaking at a Gain of +1
VO ≤ 0.2VPP
6
dB
Slew Rate
G = +2, 2V Step, -40°C to 85°C
260
600
V/
μs
Rise Time
0.5V Step, -40°C to 85°C
3.3
5.9
ns
Fall Time
0.5V Step, -40°C to 85°C
3.5
6
ns
Settling Time to 0.1%
G = +2, 1V Step, -40°C to 85°C
42
66
ns
Harmonic Distortion
VO = 2VPP, f = 5MHz, -40°C to 85°C
RL = 150Ω, -40°C to 85°C
–67
−56
2nd-Harmonic
dBc
RL ≥ 500Ω, -40°C to 85°C
–71
−60
RL = 150Ω, -40°C to 85°C
–60
−48
3rd-Harmonic
dBc
RL ≥ 500Ω, -40°C to 85°C
–77
−59
Input Voltage Noise
f > 1MHz, -40°C to 85°C
9.5
11.5
nV/
√Hz
Input Current Noise
f > 1MHz, -40°C to 85°C
3.7
5.7
pA/
√Hz
NTSC Differential Gain
0.07%
NTSC Differential Phase
0.17
°
(1)
Limits set by simulation based on
−40°C to 85°C.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: OPA830-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com