Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 7Page - Texas Instruments OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
−40
−50
−60
−70
−80
−90
−100
−110
Frequency (MHz)
0.1
1
10
100
3rd−Harmonic
2nd−Harmonic
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
Output Voltage Swing (V
PP)
1
10
3rd−Harmonic
2nd−Harmonic
9
6
3
0
−3
−6
−9
Frequency (MHz)
1
10
200
100
V
O = 5VPP
V
O = 2VPP
V
O = 1VPP
V
O = 200mVPP
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
Resistance (Ω )
100
150
200
250
300
350
400
450
500
3rd−Harmonic
2nd−Harmonic
R
L
50 0 Ω
6 0 4Ω
6 0 4Ω
R
G
R
V
V
D
G
O
I
G
=
604Ω
R
G
+5V
−5V
−5V
+5V
OPA830
OPA830
3
0
−3
−6
−9
−12
−15
Frequency (MHz)
1
10
100
200
G
D = 1
G
D = 2
G
D = 5
G
D = 10
OPA830-EP
www.ti.com
SBOS655 – MARCH 2014
6.8 Typical Characteristics VS = ±5V, Differential Configuration
At TA = 25°C, G = +2, RF = 604Ω, and RL = 500Ω to GND, unless otherwise noted.
VO = 200mVPP
RL = 500Ω
Figure 18. Differential Small
−Signal Frequency Response
Figure 17. Test Circuit
VO = 4VPP
GD = 2
f = 5MHz
GD = 2
RL = 500Ω
Figure 20. Differential Distortion vs Load Resistance
Figure 19. Differential Large
−Signal Frequency Response
GD = 2
VO = 4VPP
RL = 500Ω
GD = 2
RL = 500Ω
f = 5MHz
Figure 21. Differential Distortion vs Frequency
Figure 22. Differential Distortion vs Output Voltage
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA830-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com