Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 9Page - Texas Instruments OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments OPA830 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
Single−Tone Load Power (dBm)
10MHz
5MHz
20MHz
750Ω
OPA830
P
P
I
O
50Ω
500Ω
750Ω
−26 −24 −22 −20 −18 −16 −14 −12 −10 −8
−6
−4
−2
−55
−60
−65
−70
−75
−80
−85
Gain (V/V)
1
10
3rd−Harmonic
2nd−Harmonic
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
Output Voltage Swing (V
PP)
0.1
1
10
2nd−Harmonic
3rd−Harmonic
Input Limited
−55
−60
−65
−70
−75
−80
−85
−90
Gain (V/V)
1
1 0
3rd−Harmonic
2nd−Harmonic
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
Frequency (MHz)
0.1
1
10
3rd−Harmonic
R
L = 150Ω
2nd−Harmonic
R
L = 150Ω
2nd−Harmonic
R
L = 500Ω
3rd−Harmonic
R
L = 500Ω
−50
−55
−60
−65
−70
−75
−80
−85
−90
Load Resistance (Ω )
100
1000
3rd−Harmonic
2nd−Harmonic
OPA830-EP
www.ti.com
SBOS655 – MARCH 2014
Typical Characteristics VS = +5V (continued)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2 and input VCM = 2.5V, unless otherwise noted.
f = 5MHz
VO = 2VPP
G = +2V/V
G = +2V/V
VO = 2VPP
See Figure 51
See Figure 51
Figure 29. Harmonic Distortion vs Load Resistance
Figure 30. Harmonic Distortion vs Frequency
f = 5MHz
RL = 500Ω
VO = 2VPP
f = 5MHz
RL = 500Ω
G = +2V/V
See Figure 51
See Figure 51
Figure 32. Harmonic Distortion vs Non-nverting Gain
Figure 31. Harmonic Distortion vs Output Voltage
f = 5MHz
RL = 500Ω
VO = 2VPP
Figure 33. Harmonic Distortion vs Inverting Gain
Figure 34. Two
−Tone, 3rd−Order Intermodulation Spurious
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA830-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com