Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments OPA830 Datasheet HTML 22Page - Texas Instruments OPA830 Datasheet HTML 23Page - Texas Instruments OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
OPA830
1.5kΩ
1.87kΩ
500Ω
+5V
1.87kΩ
4V
I
I
V
150pF
0.1 µF
1MHz, 2nd−Order
Butterworth Filter
100pF
432Ω
137Ω
0.1µF
OPA830-EP
www.ti.com
SBOS655 – MARCH 2014
Typical Applications (continued)
8.2.1.4 Design Requirements
For the non-inverting amplifier with reduced peaking design, the design parameters needed in Figure 59 with
noise gain = 2 are listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
RT
20
Ω
RF
20
Ω
RC
40.2
Ω
8.2.1.5 Detailed Design Procedure
8.2.1.5.1
Demonstration Boards
Two printed circuit boards (PCBs) are available to assist in the initial evaluation of circuit performance using the
OPA830 in its two package options. Both of these are offered free of charge as unpopulated PCBs, delivered
with a user’s guide. The summary information for these fixtures is shown in Table 2.
Table 2. Demonstration Fixtures by Package
PRODUCT
PACKAGE
ORDERING NUMBER
LITERATURE NUMBER
OPA830ID
SO-8
DEM-OPA-SO-1A
SBOU009
OPA830IDBV
SOT23-5
DEM-OPA-SOT-1A
SBOU010
The demonstration fixtures can be requested at the Texas Instruments web site (www.ti.com) through the
OPA830 product folder.
Figure 55. Single-Supply, High-Frequency Active Filter
8.2.1.5.2
Macromodel and Applications Support
Computer simulation of circuit performance using SPICE is often a quick way to analyze the performance of the
OPA830 and its circuit designs. This is particularly true for video and RF amplifier circuits where parasitic
capacitance and inductance can play a major role on circuit performance. A SPICE model for the OPA830 is
available through the product folder on www.ti.com. The applications department is also available for design
assistance. These models predict typical small signal AC, transient steps, DC performance, and noise under a
wide variety of operating conditions. The models include the noise terms found in the electrical specifications of
the data sheet. These models do not attempt to distinguish between the package types in their small-signal AC
performance.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA830-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com