Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 3 Page - Texas Instruments

  OPA830 Datasheet HTML 1Page - Texas Instruments OPA830 Datasheet HTML 2Page - Texas Instruments OPA830 Datasheet HTML 3Page - Texas Instruments OPA830 Datasheet HTML 4Page - Texas Instruments OPA830 Datasheet HTML 5Page - Texas Instruments OPA830 Datasheet HTML 6Page - Texas Instruments OPA830 Datasheet HTML 7Page - Texas Instruments OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
2
3
5
4
Output
−V
S
Noninverting Input
+V
S
Inverting Input
SLM
Terminal Orientation/Package Marking
SOT23−5
OPA830-EP
www.ti.com
SBOS655 – MARCH 2014
5 Terminal Configuration and Functions
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
OUT
1
O
Amplifier Output
-VS
2
I
Negative Amplifier Power Supply Input
+IN
3
I
Non-inverting Amplifier Input
-IN
4
I
Inverting Amplifier Input
+VS
5
I
Positive Amplifier Power Supply Input
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power Supply
12VDC
V
Internal Power Dissipation
See Thermal Analysis
Differential Input Voltage
±2.5
V
Input Voltage Range (Single Supply)
–0.5
+VS + 0.3
V
Lead Temperature (soldering, 10s)
300
°C
TJ Junction Temperature
150
°C
(1)
These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those
indicated under Recommended Operating Conditions.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage Temperature Range: D, DBV
–65
125
°C
Human Body Model (HBM)(2)
2000
V
ESD
Charge Device Model (CDM)(3)
1500
V
Rating(1)
Machine Model (MM)
200
V
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA830-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com