Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 1 Page - Texas Instruments

  OPA830 Datasheet HTML 1Page - Texas Instruments OPA830 Datasheet HTML 2Page - Texas Instruments OPA830 Datasheet HTML 3Page - Texas Instruments OPA830 Datasheet HTML 4Page - Texas Instruments OPA830 Datasheet HTML 5Page - Texas Instruments OPA830 Datasheet HTML 6Page - Texas Instruments OPA830 Datasheet HTML 7Page - Texas Instruments OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
OPA830
V
IN
750Ω
625Ω
3.75kΩ
374Ω
22pF
+5V
100Ω
+3V
THS1040
10−Bit
40MSPS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA830-EP
SBOS655 – MARCH 2014
OPA830-EP Low-Power, Single-Supply, Wideband Operational Amplifier
1 Features
3 Description
The
OPA830
is
a
low-power,
single-supply,
1
•
High Bandwidth:
wideband, voltage-feedback amplifier designed to
–
250MHz (G = +1)
operate on a single +5V supply. Operation on ±5V or
–
110MHz (G = +2)
+10V supplies is also supported. The input range
extends below the negative supply and to within 1.7V
•
Low Supply Current:
of
the
positive
supply.
Using
complementary
–
3.9mA (VS = +5V)
common-emitter outputs provides an output swing to
•
Flexible Supply Range:
within 25mV of either supply while driving 150
Ω. High
output drive current (±80mA) and low differential gain
–
±1.4V to ±5.5V Dual Supply
and phase errors also make them ideal for single-
–
+2.8V to +11V Single Supply
supply consumer video products.
•
Input Range Includes Ground On Single Supply
Low distortion operation is ensured by the high gain
•
4.88V Output Swing on +5V Supply
bandwidth
product
(110MHz)
and
slew
rate
•
High Slew Rate: 550V/
μs
(550V/
μs), making the OPA830 an ideal input buffer
stage to 3V and 5V CMOS ADCs. Unlike other low-
•
Low Input Voltage Noise: 9.2nV/
√Hz
power,
single-supply
amplifiers,
distortion
•
Pb-Free SOT23 Package
performance
improves
as
the
signal
swing
is
decreased. A low 9.2nV/
√Hz input voltage noise
2 Applications
supports wide dynamic range operation.
•
Single-supply Analog-to-Digital Converter (ADC)
The OPA830 is available in an ultra-small SOT23-5
Input Buffers
package.
•
Single-supply Video Line Drivers
Device Information
•
CCD Imaging Channels
ORDER NUMBER
PACKAGE
BODY SIZE
•
low-power Ultrasound
OPA830-EPDBV
SOT-23 (5)
2.9 mm x 1.6 mm
•
PLL Integrators
•
Portable Consumer Electronics
xxx
xxx
xxx
xxx
DC-Coupled, +3V ADC Driver
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA830

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 BURR-BROWN-OPA830 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA830 TI-OPA830 Datasheet
633Kb / 34P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830 Datasheet
682Kb / 35P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - OPA830

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA830 TI-OPA830 Datasheet
633Kb / 34P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4830 NSC-OPA4830 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2830 TI1-OPA2830 Datasheet
1Mb / 43P
Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com