Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
V
in+
V
in-
V
supply+
V
supply-
V
out
OPA830-EP
www.ti.com
SBOS655 – MARCH 2014
7 Detailed Description
7.1 Overview
The OPA830 is a unity-gain stable, very high-speed voltage-feedback op amp designed for single-supply
operation (+5V to +10V). The input stage supports input voltages below ground and to within 1.7V of the positive
supply. The complementary common-emitter output stage provides an output swing to within 25mV of ground
and the positive supply. The OPA830 is compensated to provide stable operation with a wide range of resistive
loads.
7.2 Functional Block Diagram
7.3 Feature Description
The OPA830 is a low-power, single-supply, wideband, voltage-feedback amplifier designed to operate on a
single +5V supply. Operation on ±5V or +10V supplies is also supported. The input range extends below the
negative supply and to within 1.7V of the positive supply. Using complementary common-emitter outputs
provides an output swing to within 25mV of either supply while driving 150
Ω. High output drive current (±80mA)
and low differential gain and phase errors also make them ideal for single-supply consumer video products.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: OPA830-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com