Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 3Page - Texas Instruments OPA830 Datasheet HTML 4Page - Texas Instruments OPA830 Datasheet HTML 5Page - Texas Instruments OPA830 Datasheet HTML 6Page - Texas Instruments OPA830 Datasheet HTML 7Page - Texas Instruments OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
OPA830-EP
www.ti.com
SBOS655 – MARCH 2014
Electrical Characteristics, VS = +5V (continued)
At -40°C
≤ TJ ≤ 105°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 51).
OPA830TDBV
PARAMETER
CONDITIONS
UNIT
MIN
TYP
MAX
POWER SUPPLY
Minimum Operating Voltage
2.8
V
Maximum Operating Voltage
11
V
Maximum Quiescent Current
VS = ±5V
3.9
5.5
mA
Minimum Quiescent Current
VS = ±5V
3.05
3.9
mA
Power-Supply Rejection Ratio (+PSRR)
Input-Referred
59
66
dB
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA830-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com