Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 4Page - Texas Instruments OPA830 Datasheet HTML 5Page - Texas Instruments OPA830 Datasheet HTML 6Page - Texas Instruments OPA830 Datasheet HTML 7Page - Texas Instruments OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
Time (10ns/div)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
Large−Signal ± 1V
Right Scale
Small−Signal ± 100mV
Left Scale
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
Time (10ns/div)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
Large−Signal ± 1V
Right Scale
Small−Signal ± 100mV
Left Scale
9
6
3
0
−3
−6
−9
−12
Frequency (MHz)
10
100
500
V
O = 4VPP
V
O = 2VPP
V
O = 1VPP
V
O = 0.5VPP
3
0
−3
−6
−9
−12
−15
−18
Frequency (MHz)
10
100
400
V
O = 2VPP
V
O = 4VPP
V
O = 1VPP
V
O = 0.5VPP
6
3
0
−3
−6
−9
−12
−15
−18
Frequency (MHz)
1
10
100
600
G = +1
R
F = 0Ω
G = +2
G = +5
G = +10
3
0
−3
−6
−9
−12
−15
−18
Frequency (MHz)
1
1 0
100
400
G = −2
G = −10
G = −1
G = −5
OPA830-EP
SBOS655 – MARCH 2014
www.ti.com
6.7 Typical Characteristics VS = ±5V
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted.
VO = 0.2VPP
RL = 150 Ω
See Figure 52
VO = 0.2VPP
RL = 150 Ω
Figure 1. Non-Inverting Small
−Signal Frequency Response
Figure 2. Inverting Small
−Signal Frequency Response
G = -1V/V
RL = 150 Ω
G = +2V/V
RL = 150 Ω
See Figure 52
Figure 4. Inverting Large
−Signal Frequency Response
Figure 3. Non-Inverting Large
−Signal Frequency Response
G = +2V/V
See Figure 52
G = -1V/V
Figure 5. Non-Inverting Pulse Response
Figure 6. Inverting Pulse Response
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: OPA830-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com