Electronic Components Datasheet Search
  English  ▼

X  

ML7066 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
FEDL7066-01
ML7066
10/29
ML7066 State Diagram
The following figure shows the state transition time and the consumption current from power-on to each power state (Sleep, Idle,
RX, TX) .
Current
(mA)
29.500
Note 1)
or shorter
Transmit data output time + 0.2(msec)
0.2(ms) or shorter
Transmit data output time + 0.4(msec)
or shorter
15.500
3.0(msec) or shorter
2.4(msec) or shorteNote 2)
Receive data output time + 0.2(msec)
2.000
or 0.2(msec) or shorter
1.0(msec) or shorter
9.0(msec) or shorter
0.004
Time
10.0(msec) or shorter
Note 1:
For the TRX_OFF instruction, the Idle state comes 0.2ms after the data transmission from ML7066 is
completed.
For the FORCE_TRX_OFF instruction, it comes 0.2ms after the instruction is received.
Note 2:
For the TRX_OFF instruction, the Idle state comes 0.2ms after the time when the unreceived data from
ML7066 reduces to the last one byte.
For the FORCE TRX OFF instruction it comes 0 2ms after the instruction is received
Sleep
OFF
RX
TX
Idle
Receiver data outputtime +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com