Electronic Components Datasheet Search
  English  ▼

X  

ML7066 Datasheet(PDF) 14 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 14 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
FEDL7066-01
ML7066
14/29
Electrical Characteristics
Absolute Maximum Ratings
Item
Symbol
Condition
Rating
Unit
Power supply voltage (I/O) (*1)
VDDIO
-0.3
∼+4.6
V
Power supply voltage (RF) (*2)
VDD_RF
-0.3
∼+3.6
V
Regulator input voltage
VREGIN
-0.3
∼VDDIO+0.3
V
Digital input voltage
VDIN
-0.3
∼VDDIO+0.3
V
RF input voltage
VRFIN
-0.3
∼VDD_RF+0.3
V
Analog input voltage
VAIN
-0.3
∼VDDIO+0.3
V
Regulator output voltage
VREGOUT
-0.3
∼VDD_RF+0.3
V
Digital output voltage
VDO
Ta=+25°C
-0.3
∼VDDIO+0.3
V
RF output voltage
VRFO
VSS=0V
-0.3
∼VDD_RF+0.3
V
Analog output voltage
VAO
-0.3
∼VDDIO+0.3
V
Digital input current
IDI
-10
∼+10
mA
RF input current
IRF
-2
∼+2
mA
Analog input current
IAI
-2
∼+2
mA
Digital output current
IDO
-10
∼+10
mA
RF output current
IRFO
-2
∼+2
mA
Analog output current
IAO
-2
∼+2
mA
Power dissipation
Pd
Ta=+25°C
660
mW
Storage temperature
Tstg
—
-55
∼+150
°C
*1: VDDIO pin
*2: RF power supply pins: VDD_RF, VDD_MIX, VDD_IF, VDD_VCO, VDD_CP, and VDD_PLL pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com