Electronic Components Datasheet Search
  English  ▼

X  

ML7066 Datasheet(PDF) 12 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 12 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
FEDL7066-01
ML7066
12/29
5) Fractional spurious
ML7066 maintains the accuracy of the RF clock frequency by fine-tuning the PLL oscillation frequency, which helps lower
the component cost for generating the master clock. The Fractional-N PLL type is used to realize the fine tuning of the PLL
oscillation frequency. We found that this PLL type could cause the fractional spurious depending on the combination of the
reference clock, integer dividing ratio, and fractional dividing ratio. So, depending on the combination of the used
frequencies (channels), a false detection of the RSSI value can occur. The following matrixes show the channel combinations
with a possible false detection.
426MHz Band Channel False Detection Matrix
symbol indicates the combination of the transmission and reception channels by the normal setting.
×symbol indicates the channel combination with a possible false detection.
123
45678
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
1
426.0250
●
2
426.0375
●
3
426.0500
●
4
426.0625
●
5
426.0750
●
6
426.0875
●
7
426.1000
●
8
426.1125
●
9
426.1250
●
10
426.1375
●
11
426.1500
12
426.1625
13
426.1750
14
426.1875
15
426.2000
16
426.2125
17
426.2250
18
426.2375
19
426.2500
×
●
20
426.2625
×
●
21
426.2750
×
●
22
426.2875
×
●
23
426.3000
×
●
24
426.3125
×
●
25
426.3250
×
●
26
426.3375
×
●
27
426.3500
×
●
28
426.3625
×
●
29
426.3750
×
●
30
426.3875
×
●
31
426.4000
×
●
32
426.4125
×
●
33
426.4250
×
●
34
426.4375
×
●
35
426.4500
×
●
36
426.4625
×
●
37
426.4750
×
●
38
426.4875
×
●
39
426.5000
×
●
40
426.5125
×
●
41
426.5250
×
●
42
426.5375
××
●
×
43
426.5500
××
●
×
44
426.5625
×
×●×
45
426.5750
×
×●×
46
426.5875
××
●
×
47
426.6000
×
●
48
426.6125
××
●
×
49
426.6250
×
×●×
50
426.6375
×
×●×
51
426.6500
××
●
×
52
426.6625
××
●
53
426.6750
×
●
54
426.6875
×
●
55
426.7000
×
●
56
426.7125
×
●
57
426.7250
×
●
58
426.7375
×
●
59
426.7500
×
●
60
426.7625
×
●
61
426.7750
×
●
62
426.7875
×
●
63
426.8000
×
●
64
426.8125
×
●
65
426.8250
×
●
66
426.8375
×
●
RX
ch
RX freq.
(MHz)
Signal frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com