Electronic Components Datasheet Search
  English  ▼

X  

ML7066 Datasheet(PDF) 20 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 20 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
FEDL7066-01
ML7066
20/29
Synchronous Communication Interface (SCI) Characteristics
(Operation power supply voltage: 2.1V - 3.6V, Ta=—25 - +65°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
SCLK clock frequency
FSCLK
except suspend
0.1
2
8
MHz
SCEN input setup time
TCESU
125
—
—
ns
SCEN input hold time
TCEH
125
—
—
ns
SCLK "H" pulse width
TWCKH
50
—
—
ns
SCLK "L" pulse width
TWCKL
50
—
—
ns
SDIN input setup time
TDISU
5
—
—
ns
SDIN input hold time
TDIH
15
—
—
ns
TCEEN0
Positive Clock
0
—
40
ns
SCEN output enable time
TCEEN1
Negative Clock
0
—
20
ns
SCEN assertion interval
TCEITVL
1
—
—
us
SCEN output disable time
TCEDIS
—
—
25
ns
TCKOD
—
—
100
ns
SCLK output delay time
TCKODF
—
—
40
ns
SDO output hold time
TDOH
Load
capacita
nce
CL=
50pF
50
—
—
ns
(Notes)
All the timings are measured at the 20% and 80% levels of VDDIO.
Measurement points
All the following measurement points are equivalent to the above ones.
When SCLK is a positive clock
Measurem
ent points
0.8VDDIO
0.2VDDIO
0.8VDDIO
0.2VDDIO
SCEN
SCLK
SDO
SDIN
MSB IN
BITS6-1
LSB IN
TCEEN0
FSCLK
TWCKH
TDISU
TWCKL
MSB OUT
BITS6-1
LSB OUT
(**)
TCEH
TCEDIS
TDOH
TCKOD
TDIH
TDOH
TCESU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com