Electronic Components Datasheet Search
  English  ▼

X  

ML7066 Datasheet(PDF) 17 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 17 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
FEDL7066-01
ML7066
17/29
DC Common Characteristics
(Operation power supply voltage: VDDIO=VREGIN=2.1V - 3.6V, Ta=-25 - +65°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
VIH1
(*9)(*10)(*11) XI pin excluded
VDDIO X 0.75
—
VDDIO
V
"H" level input voltage
VIH2
XI pin
VREGCORE
X 0.9
—
VREGCORE
V
VIL1
(*9)(*10)(*11) XI pin excluded
0
—
VDDIO X 0.1
V
"L" level input voltage
VIL2
XI pin
0
—
VREGCORE
X 0.25
V
Schmitt trigger "H" level
judgment threshold
VT+
(*10)
—
1.2
1.8
V
Schmitt trigger "L" level
judgment threshold
VT-
(*10)
0.4
0.8
—
V
IIH1
VIH= VDDIO
(*9)(*10)(*11)
-2
—
2
µA
IIH2
VIH= VREGOUT2
(*19)
-2
—
2.3
µA
IIL1
VIL=0V
(*9)(*10)
-2
—
2
µA
IIL2
VIL=0V
(*11)
-200
-25
-5
µA
Input leakage current
IIL3
VIL=0V
(*19)
-2.3
—
2
µA
VOH1
IOH=-100µA
(*13)
VDDIO - 0.2
—
VDDIO
V
IOH=-4mA (VDDIO=2.7∼3.6V) (*13)
VDDIO x 0.8
—
VDDIO
V
VOH2
IOH=-4mA (VDDIO=2.1∼2.7V) (*13)
VDDIO x 0.7
—
VDDIO
V
"H" level output voltage
VOH3
IOH=-100µA
(*18)
1.65
—
2.35
V
VOL1
IOL=100µA
(*13)
0
—
0.2
V
VOL2
IOL=4mA
(*13)
0
—
VDDIO x 0.2
V
"L" level output voltage
VOL3
IOH=-100µA
(*18)
0
—
0.45
V
VREGOUT1
When VREG_CORE pin is sleeping
(I REGOUT1=5µA)
1.2
1.7
2.2
V
VREGOUT2
When VREG_CORE pin is idling,
transmitting, and receiving
(I REGOUT2=5mA)
1.95
2.2
2.3
V
Regulator output
voltage
VREGOUT3
When VREG_OUT pin is
transmitting and receiving
1.95
2.2
2.3
V
CIN
Input pin
(*9)(*10)(*11)
—
6
—
pF
COUT
Output pin
(*13)
—
9
—
pF
CRFI
RF input pin
(*14)
—
9
—
pF
CRFO
RF output pin
(*15)
—
9
—
pF
CAI
Analog input pin
(*16)
—
9
—
pF
Input capacitance
CAO
Analog output pin
(*17)
—
9
—
pF
(*9) Applies to the pins indicated as I in the I/O column in the Pin Descriptions section.
*10: Applies to the pins indicated as IS in the I/O column in the “Pin Descriptions” section.
*11: Applies to the pins that are indicated as IU in the I/O column in the Pin Descriptions section.
*13: Applies to the pins that are indicated as O in the I/O column in the Pin Descriptions section, except for the XO pin.
*14: Applies to the pins that are indicated as IRF in the I/O column in the Pin Descriptions section.
*15: Applies to the pins that are indicated as ORF in the I/O column in the Pin Descriptions section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com